Electronic Components Datasheet Search
  English  ▼

X  

MPC100 Datasheet(PDF) 10 Page - Texas Instruments

Part # MPC100
Description  Wide Bandwidth 4x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC100 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MPC100 Datasheet HTML 6Page - Texas Instruments MPC100 Datasheet HTML 7Page - Texas Instruments MPC100 Datasheet HTML 8Page - Texas Instruments MPC100 Datasheet HTML 9Page - Texas Instruments MPC100 Datasheet HTML 10Page - Texas Instruments MPC100 Datasheet HTML 11Page - Texas Instruments MPC100 Datasheet HTML 12Page - Texas Instruments MPC100 Datasheet HTML 13Page - Texas Instruments MPC100 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
®
MPC100
The transient peaks remain less than +2.5mV and –1.2mV.
Subsequent equipment might interpret large negative output
glitches as synchronization pulses. To remove this problem,
the output must be clamped during the switching dead time.
With the MPC100, the generated output transients are ex-
tremely small and clamping is unnecessary. The switching
time between two channels is less than 0.5
µs. This short
time period allows easy switching during the vertical blank-
ing time. The signal envelope during the transition from one
channel to another rises and falls symmetrically and shows
less overshooting or DC settling transients.
Power consumption is a serious problem when designing
large crosspoint fields with high component density. Most of
the buffers are always in off-state. One important design
goal was to attain low off-state quiescent current when no
channel is selected. The low supply current of
±230µA in
off-state and
±4.6mA when one channel is selected, as well
as the reduced
±5V supply voltage, conserves power, simpli-
fies the power supply design, and results in cooler, more
reliable operation.
CIRCUIT LAYOUT
The high-frequency performance of the MPC100 can be
greatly affected by the physical layout of the circuit. The
following tips are offered as suggestions, not as absolutes.
Oscillations, ringing, poor bandwidth and settling, higher
crosstalk, and peaking are all typical problems which plague
high-speed components when they are used incorrectly.
• Bypass power supplies very close to the device pins. Use
tantalum chip capacitors (approximately 2.2
µF), a parallel
470pF ceramic chip capacitor may be added if desired.
Surface-mount types are recommended due to their low
lead inductance.
• PC board traces for signal and power lines should be wide
to reduce impedance or inductance.
• Make short and low inductance traces. The entire physical
circuit layout should be as small as possible.
• Use a low-impedance ground plane on the component side
to ensure that low-impedance ground is available through-
out the layout. Grounded traces between the input traces
are essential to achieve high interchannel crosstalk rejec-
tion. Refer to the suggested layout shown in Figure 6.
• Do not extend the ground plane under high-impedance
nodes sensitive to stray capacitances, such as the buffer’s
input terminals.
• Sockets are not recommended because they add signifi-
cant inductance and parasitic capacitance. If sockets are
required, use zero-profile solderless sockets.
• Use low-inductance and surface-mounted components to
achieve the best AC-performance.
• A resistor (100
Ω to 200Ω) in series with the input of the
buffers may help to reduce peaking. Place the resistor as
close as possible to the pin.
• Plug-in prototype boards and wire-wrap boards will not
function well. A clean layout using RF techniques is
essential.
IN
2
+V
CC = +5V
V
OUT
(3)
DB2
(11)
–V
CC = –5V
(10)
(12)
(13)
SEL
2
DB1
(14)
(1)
(2)
IN
1
GND
SEL
1
DB3
(9)
(5)
(6)
IN
3
GND
SEL
3
(4)
GND
DB4
(8)
(7)
IN
4
SEL
1
NOTE: DB = Diamond Buffer
FIGURE 2. Simplified Circuit Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com