Electronic Components Datasheet Search
  English  ▼

X  

MPC100 Datasheet(PDF) 12 Page - Texas Instruments

Part # MPC100
Description  Wide Bandwidth 4x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC100 Datasheet(HTML) 12 Page - Texas Instruments

Back Button MPC100 Datasheet HTML 8Page - Texas Instruments MPC100 Datasheet HTML 9Page - Texas Instruments MPC100 Datasheet HTML 10Page - Texas Instruments MPC100 Datasheet HTML 11Page - Texas Instruments MPC100 Datasheet HTML 12Page - Texas Instruments MPC100 Datasheet HTML 13Page - Texas Instruments MPC100 Datasheet HTML 14Page - Texas Instruments MPC100 Datasheet HTML 15Page - Texas Instruments MPC100 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
®
MPC100
FIGURE 6. Video Distribution Field.
13
220
Ω
220
Ω
–
+
6
3
2
2.2µ
–5V
Out
75
Ω
4
2.2µ
10n
+5V
7
10n
OPA623
150
Ω
7
MPC100
150
Ω
150
Ω
150
Ω
150
Ω
6
5
4
3
2
1
12
22
Ω
11
10
IN16
IN13
75
Ω
75
Ω
75
Ω
75
Ω
2.2µ
470p
+5V
14
9
8
7
MPC100
150
Ω
150
Ω
150
Ω
150
Ω
6
5
4
3
2
1
12
22
Ω
11
10
IN16
IN13
75
Ω
75
Ω
75
Ω
75
Ω
2.2µ
470p
2.2µ
470p
14
9
13
8
7
MPC100
150
Ω
150
Ω
150
Ω
150
Ω
6
5
4
3
2
1
12
22
Ω
11
10
IN16
IN13
75
Ω
75
Ω
75
Ω
75
Ω
2.2µ
470p
2.2µ
470p
14
9
13
8
7
MPC100
150
Ω
150
Ω
150
Ω
150
Ω
6
5
4
3
2
1
12
22
Ω
11
10
IN16
IN13
75
Ω
75
Ω
75
Ω
75
Ω
2.2µ
470p
2.2µ
470p
14
9
13
8
+5V
12
15
13
14
5
1
3
2
V
CC
Y
2
Y
0
Y
1
Y
3
A
2
A
0
A
1
CS2
16
GND
7
11
9
10
Y
6
Y
4
Y
5
Y
7
6
CS1
4
LE
0.1µF
+5V
12
15
13
14
6
1
3
2
V
CC
Y
2
Y
0
Y
1
Y
3
A
3
A
0
A
1
CS1
16
GND
7
11
9
10
Y
6
Y
4
Y
5
Y
7
5
CS2
4
LE
0.1µF
74HC
237
74HC
237
+5V
CS
A
0
A
3
A
1
2.2µ
470p
–5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com