Electronic Components Datasheet Search
  English  ▼

X  

MPC100 Datasheet(PDF) 11 Page - Texas Instruments

Part # MPC100
Description  Wide Bandwidth 4x1 VIDEO MULTIPLEXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MPC100 Datasheet HTML 7Page - Texas Instruments MPC100 Datasheet HTML 8Page - Texas Instruments MPC100 Datasheet HTML 9Page - Texas Instruments MPC100 Datasheet HTML 10Page - Texas Instruments MPC100 Datasheet HTML 11Page - Texas Instruments MPC100 Datasheet HTML 12Page - Texas Instruments MPC100 Datasheet HTML 13Page - Texas Instruments MPC100 Datasheet HTML 14Page - Texas Instruments MPC100 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
®
MPC100
50
Ω
150
Ω
50
Ω
V
I
DB2
22pF
BUF601
50
Ω
50
Ω
V
O
GND
GND
DB1
150
Ω
DB4
DB3
200
Ω
GND
IN
4
IN
1
150
Ω
MPC100
15
Ω
180
Ω
V
O
V
I
Crosstalk = 20log
IN
3 is connected with 150Ω + 50Ω to GND
SEL1
SEL2
SEL3
SEL4
0
0
1
0
V
I = 1.4Vp-p
IN
2
IN
3
50
Ω
150
Ω
50
Ω
V
I
DB2
22pF
BUF601
50
Ω
50
Ω
V
O
IN
2
IN
3
GND
GND
DB1
150
Ω
DB4
DB3
GND
IN
4
IN
1
150
Ω
MPC100
15
Ω
180
Ω
V
O
V
I
Crosstalk = 20log
IN
3 is connected to GND
SEL1
SEL2
SEL3
SEL4
0
0
1
0
V
I = 1.4Vp-p
FIGURE 3. Channel Crosstalk—Grounded Input.
FIGURE 4. Channel Crosstalk—150
Ω Input Resistor.
FIGURE 5. Off Isolation.
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
MPC100AP
MPC100AU
Frequency (Hz)
10M
100M
300M
1M
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
MPC100AU
MPC100AP
Frequency (Hz)
10M
100M
300M
1M
10
0
–10
–20
–30
–40
–50
–60
–70
–80
Frequency (Hz)
10M
100M
300M
–90
MPC100AU
MPC100AP
1M
50
Ω
150
Ω
50
Ω
V
I
DB2
BUF601
50
Ω
50
Ω
V
O
IN
2
IN
3
GND
GND
DB1
150
Ω
DB4
DB3
150
Ω
GND
IN
4
IN
1
150
Ω
MPC100
180
Ω
V
O
V
I
Crosstalk = 20log
SEL1
SEL2
SEL3
SEL4
0
0
0
0
V
I = 1.4Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com