Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1608 Datasheet HTML 1Page - Texas Instruments PCM1608 Datasheet HTML 2Page - Texas Instruments PCM1608 Datasheet HTML 3Page - Texas Instruments PCM1608 Datasheet HTML 4Page - Texas Instruments PCM1608 Datasheet HTML 5Page - Texas Instruments PCM1608 Datasheet HTML 6Page - Texas Instruments PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
PCM1608
5
SBAS164A
P I N
N A M E
I / O
DESCRIPTION
1
ZERO1/GPO1
O
Zero Data Flag for VOUT1. Can also be used as GPO pin.
2
ZERO2/GPO2
O
Zero Data Flag for VOUT2. Can also be used as GPO pin.
3
ZERO3/GPO3
O
Zero Data Flag for VOUT3. Can also be used as GPO pin.
4
ZERO4/GPO4
O
Zero Data Flag for VOUT4. Can also be used as GPO pin.
5
ZERO5/GPO5
O
Zero Data Flag for VOUT5. Can also be used as GPO pin.
6
ZERO6/GPO6
O
Zero Data Flag for VOUT6. Can also be used as GPO pin.
7NC
—
No Connection
8NC
—
No Connection
9VOUT6
O
Voltage Output of Audio Signal Corresponding to Rch on DATA3. Up to 96kHz.
10
VOUT5
O
Voltage Output of Audio Signal Corresponding to Lch on DATA3. Up to 96kHz.
11
VOUT4
O
Voltage Output of Audio Signal Corresponding to Rch on DATA2. Up to 96kHz.
12
VOUT3
O
Voltage Output of Audio Signal Corresponding to Lch on DATA2. Up to 96kHz.
13
VOUT2
O
Voltage Output of Audio Signal Corresponding to Rch on DATA1. Up to 192kHz.
14
VOUT1
O
Voltage Output of Audio Signal Corresponding to Lch on DATA1. Up to 192kHz.
15
VCOM
O
Common Voltage Output. This pin should be bypassed with a 10
µF capacitor to AGND.
16
VOUT7
O
Voltage Output for Audio Signal Corresponding to Lch on DATA4. Up to 192kHz.
17
AGND5
—
Analog Ground
18
VCC5
—
Analog Power Supply, +5V
19
AGND6
—
Analog Ground
20
VOUT8
—
Voltage Output for Audio Signal Corresponding to Rch on DATA4. Up to 192kHz.
21
AGND4
—
Analog Ground
22
VCC4
—
Analog Power Supply, +5V
23
AGND3
—
Analog Ground
24
VCC3
—
Analog Power Supply, +5V
25
AGND2
—
Analog Ground
26
VCC2
—
Analog Power Supply, +5V
27
AGND1
—
Analog Ground
28
VCC1
—
Analog Power Supply, +5V
29
NC
—
No Connection
30
ZERO7
—
Zero Data Flag for VOUT7
31
DATA4
—
Serial Audio Data Input for VOUT7 and VOUT8(2)
32
ZERO8
—
Zero Data Flag for VOUT8
33
MDO
O
Serial Data Output for Serial Control Port(3)
34
MDI
I
Serial Data Input for Serial Control Port(1)
35
MC
I
Shift Clock for Serial Control Port(1)
36
ML
I
Latch Enable for Serial Control Port(1)
37
RST
I
System Reset, Active LOW(1)
38
SCKI
I
System Clock Input. Input frequency is 128, 192, 256, 384, 512, or 768fS.(2)
39
SCKO
O
Buffered Clock Output. Output frequency is 128, 192, 256, 384, 512, or 768fS, or one-half of 128, 192, 256, 384, 512, or 768fS.
40
BCK
I
Shift Clock Input for Serial Audio Data. Clock must be 32, 48, or 64fS.(2)
41
LRCK
I
Left and Right Clock Input. This clock is equal to the sampling rate, fS.(2)
42
TEST
—
Test Pin. This pin should be connected to DGND.(1)
43
VDD
—
Digital Power Supply, +3.3V
44
DGND
—
Digital Ground
45
DATA1
I
Serial Audio Data Input for VOUT1 and VOUT2(2)
46
DATA2
I
Serial Audio Data Input for VOUT3 and VOUT4(2)
47
DATA3
I
Serial Audio Data Input for VOUT5 and VOUT6(2)
48
ZEROA
O
Zero Data Flag. Logical “AND” of ZERO1 through ZERO6.
NOTES: (1) Schmitt-Trigger input with internal pull-down, 5V tolerant. (2) Schmitt-Trigger input, 5V tolerant. (3) Tri-state output.
PIN ASSIGNMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com