Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments PCM1608 Datasheet HTML 10Page - Texas Instruments PCM1608 Datasheet HTML 11Page - Texas Instruments PCM1608 Datasheet HTML 12Page - Texas Instruments PCM1608 Datasheet HTML 13Page - Texas Instruments PCM1608 Datasheet HTML 14Page - Texas Instruments PCM1608 Datasheet HTML 15Page - Texas Instruments PCM1608 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
PCM1608
12
SBAS164A
REGISTER WRITE OPERATION
All Write operations for the serial control port use 16-bit
data words. Figure 6 shows the control data word format.
The most significant bit is the Read/Write (R/W) bit. When
set to “0”, this bit indicates a Write operation. There are
seven bits, labeled IDX[6:0], that set the register index (or
address) for the Write operation. The least significant eight
bits, D[7:0], contain the data to be written to the register
specified by IDX[6:0].
Figure 7 shows the functional timing diagram for writing the
serial control port. ML is held at a logic “1” state until a
register needs to be written. To start the register write cycle,
ML is set to logic “0”. Sixteen clocks are then provided on
MC, corresponding to the 16-bits of the control data word on
MDI. After the sixteenth clock cycle has completed, ML is
set to logic “1” to latch the data into the indexed mode
control register.
SINGLE REGISTER READ OPERATION
Read operations utilize the 16-bit control word format shown
in Figure 6. For Read operations, the R/W bit is set to “1”.
Read operations ignore the index bits, IDX[6:0], of the
control data word. Instead, the REG[6:0] bits in Control
Register 11 are used to set the index of the register that is to
be read during the Read operation. Bits IDX[6:0] should be
set to 00H for Read operations.
FIGURE 5. Audio Interface Timing.
SYMBOL
PARAMETER
MIN
MAX
UNITS
tBCY
BCK Pulse Cycle Time
32, 48, or 64fS(1)
tBCH
BCK High Level Time
35
ns
tBCL
BCK Low Level Time
35
ns
tBL
BCK Rising Edge to LRCK Edge
10
ns
tLB
LRCK Falling Edge to BCK Rising Edge
10
ns
tDS
DATA Set Up Time
10
ns
tDH
DATA Hold Time
10
ns
NOTE: (1) fS is the sampling frequency (e.g., 44.1kHz, 48kHz, 96kHz, etc.)
LRCK
BCK
DATA1,DATA2,
DATA3, DATA4
50% of V
DD
50% of V
DD
50% of V
DD
t
BCH
t
BCL
t
LB
t
BL
t
DS
t
DH
t
BCY
FIGURE 6. Control Data Word Format for MDI.
IDX5
IDX6
R/W
IDX4
IDX2
IDX3
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Register Index (or Address)
Read/Write Operation
0 = Write Operation
1 = Read Operation (register index is ignored)
Register Data
LSB
FIGURE 7. Write Operation Timing.
R/W
D7
D6D5
D4
D3D2
RW IDX6
D1
D0
X
XX
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
ML
MC
MDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com