Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 6Page - Texas Instruments PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments PCM1608 Datasheet HTML 10Page - Texas Instruments PCM1608 Datasheet HTML 11Page - Texas Instruments PCM1608 Datasheet HTML 12Page - Texas Instruments PCM1608 Datasheet HTML 13Page - Texas Instruments PCM1608 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
PCM1608
10
SBAS164A
controller or master reset circuit to force the PCM1608 to
initialize to its reset default state. For normal operation,
RST should be set to a logic “1”.
The external reset operation and timing is shown in Figure 3.
The RST pin is set to logic “0” for a minimum of 20ns.
After the initialization sequence is completed, the PCM1608
will be set to its reset default state, as described in the
Mode Control Registers section of this data sheet.
During the reset period (1024 system clocks), the analog
outputs are forced to the bipolar zero level (or VCC/2).
After the reset period, the internal registers are initialized
in the next 1/fS period and, if SCKI, BCK, and LRCK are
provided continuously, the PCM1608 provides proper ana-
log output with unit-group delay, as specified in this data
sheet.
The external reset is especially useful in applications
where there is a delay between PCM1608 power-up and
system clock activation. In this case, the RST pin should
be held at a logic “0” level until the system clock has been
activated.
AUDIO SERIAL INTERFACE
The audio serial interface for the PCM1608 is comprised of
a 5-wire synchronous serial port. It includes LRCK (pin 41),
BCK (pin 40), DATA1 (pin 45), DATA2 (pin 46), DATA3
(pin 47), and DATA4 (pin 31). BCK is the serial audio bit
clock, and is used to clock the serial data present on
DATA1, DATA2, DATA3, and DATA4 into the audio
interface’s serial shift register. Serial data is clocked into
the PCM1608 on the rising edge of BCK. LRCK is the
serial audio left/right word clock. It is used to latch serial
data into the serial audio interface’s internal registers.
Both LRCK and BCK must be synchronous to the system
clock. Ideally, it is recommended that LRCK and BCK be
derived from the system clock input, SCKI. LRCK is
operated at the sampling frequency (fS). BCK may be
operated at 32, 48, or 64 times the sampling frequency (I2S
format does not support BCK = 32fS).
Internal operation of the PCM1608 is synchronized with
LRCK. Accordingly, it is held when the sampling rate clock
of LRCK is changed, or SCKI and/or BCK is broken at least
for one clock cycle. If SCKI, BCK, and LRCK are provided
continuously after this hold condition, the internal operation
will be resynchronized automatically, less than 3/fS period. In
this resynchronize period, and following 3/fS, the analog
outputs are forced to the bipolar zone level (or VCC/2).
External resettling is not required.
AUDIO DATA FORMATS AND TIMING
The PCM1608 supports industry-standard audio data formats,
including Standard, I2S, and Left-Justified (see Figure 4).
Data formats are selected using the format bits, FMT[2:0], in
Register 9. The default data format is 24-bit Standard. All
formats require Binary Two’s Complement, MSB-first audio
data. See Figure 5 for a detailed timing diagram of the serial
audio interface.
DATA1, DATA2, DATA3, and DATA4 each carry two audio
channels, designated as the Left and Right channels. The Left
channel data always precedes the Right channel data in the
serial data stream for all data formats. Table II shows the
mapping of the digital input data to the analog output pins.
DATA INPUT
CHANNEL
ANALOG OUTPUT
DATA1
Left
VOUT1(1)
DATA1
Right
VOUT2(1)
DATA2
Left
VOUT3(2)
DATA2
Right
VOUT4(2)
DATA3
Left
VOUT5(2)
DATA3
Right
VOUT6(2)
DATA4
Left
VOUT7(1)
DATA4
Right
VOUT8(1)
NOTES: (1) Up to 192kHz. (2) Up to 96kHz, forced to bipolar zero when
fS = 96kHz.
TABLE II. Audio Input Data to Analog Output Mapping.
FIGURE 3. External Reset Timing.
1024 System Clocks
Reset
Reset Removal
System Clock
Internal Reset
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com