Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments PCM1608 Datasheet HTML 10Page - Texas Instruments PCM1608 Datasheet HTML 11Page - Texas Instruments PCM1608 Datasheet HTML 12Page - Texas Instruments PCM1608 Datasheet HTML 13Page - Texas Instruments PCM1608 Datasheet HTML 14Page - Texas Instruments PCM1608 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
PCM1608
11
SBAS164A
FIGURE 4. Audio Data Input Formats.
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 48f
S or 64fS)
18-Bit Right-Justified
DATA
DATA
(2) I
2S Data Format: L-Channel = LOW, R-Channel = HIGH
(3) Left-Justified Data Format: L-Channel = HIGH, R-Channel = LOW
(1) Standard Data Format: L-Channel = HIGH, R-Channel = LOW
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 32f
S, 48fS or 64fS)
1
2
3
N-2 N-1 N
1
2
1
2
3
N-2 N-1 N
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 32f
S, 48fS or 64fS)
2
1
1
2
3
N-2 N-1 N
1
2
3
N-2 N-1 N
14 15 16
16 17 18
18 19 20
14 15 16
12
3
DATA
22 23 24
22 23 24
12
3
DATA
18 19 20
1
23
DATA
16 17 18
1
23
DATA
24-Bit Right-Justified
14 15 16
12
3
22 23 24
12
3
18 19 20
1
23
17 18
1
2
20-Bit Right-Justified
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
14 15 16
14 15 16
12
3
DATA
16-Bit Right-Justified, BCK = 32f
S
14 15 16
12
3
LSB
MSB
LSB
MSB
16-Bit Right-Justified, BCK = 48f
S or 64fS
SERIAL CONTROL INTERFACE
The serial control interface is a 4-wire synchronous serial
port that operates asynchronously to the serial audio inter-
face. The serial control interface is utilized to program and
read the on-chip mode registers. The control interface in-
cludes MDO (pin 33), MDI (pin 34), MC (pin 35), and ML
(pin 36). MDO is the serial data output, used to read back the
values of the mode registers; MDI is the serial data input,
used to program the mode registers; MC is the serial bit
clock, used to shift data in and out of the control port; and
ML is the control port latch clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com