Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 21Page - Texas Instruments PCM1608 Datasheet HTML 22Page - Texas Instruments PCM1608 Datasheet HTML 23Page - Texas Instruments PCM1608 Datasheet HTML 24Page - Texas Instruments PCM1608 Datasheet HTML 25Page - Texas Instruments PCM1608 Datasheet HTML 26Page - Texas Instruments PCM1608 Datasheet HTML 27Page - Texas Instruments PCM1608 Datasheet HTML 28Page - Texas Instruments PCM1608 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
PCM1608
28
SBAS164A
KEY PERFORMANCE PARAMETERS
AND MEASUREMENT
This section provides information on how to measure key
dynamic performance parameters for the PCM1608. In all
cases, an Audio Precision System Two Cascade or equiva-
lent audio measurement system is utilized to perform the
testing.
TOTAL HARMONIC DISTORTION + NOISE
Total Harmonic Distortion + Noise (THD+N) is a significant
figure of merit for audio DACs, since it takes into account
both harmonic distortion and all noise sources within a
specified measurement bandwidth. The true rms value of the
distortion and noise is referred to as THD+N. The test setup
for THD+N testing is shown in Figure 21.
For the PCM1608 DACs, THD+N is measured with a full-
scale, 1kHz digital sine wave as the test stimulus at the input
of the DAC. The digital generator is set to a 24-bit audio
word length and a sampling frequency of 44.1kHz, or 96kHz.
The digital generator output is taken from the unbalanced
S/PDIF connector of the measurement system. The
S/PDIF data is transmitted via coaxial cable to the digital
audio receiver on the DEM-DAI1602 demo board. The
receiver is then configured to output 24-bit data in either I2S
or left-justified data format. The DAC audio interface format
is programmed to match the receiver output format. The
analog output is then taken from the DAC post filter and
connected to the analog analyzer input of the measurement
system. The analog input is band-limited, using filters resi-
dent in the analyzer. The resulting THD+N is measured by
the analyzer and displayed by the measurement system.
FIGURE 21. Test Setup for THD+N Measurements.
S/PDIF
Receiver
Evaluation Board
f
–3dB = 54kHz
PCM1608
DEM-DAI1608
2nd-Order
Low-Pass
Filter
Notch Filter
Band Limit
HPF = 22Hz(1)
LPF = 30kHz(1)
f
C = 1kHz
rms Mode
100% Full-Scale
24-Bit, 1kHz
Sine Wave
S/PDIF
Output
Option = 20kHz Apogee Filter(2)
Analyzer
and
Display
Digital
Generator
NOTES: (1) There is little difference in measured THD+N when using the
various settings for these filters. (2) Required for THD+N test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com