Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 13Page - Texas Instruments PCM1608 Datasheet HTML 14Page - Texas Instruments PCM1608 Datasheet HTML 15Page - Texas Instruments PCM1608 Datasheet HTML 16Page - Texas Instruments PCM1608 Datasheet HTML 17Page - Texas Instruments PCM1608 Datasheet HTML 18Page - Texas Instruments PCM1608 Datasheet HTML 19Page - Texas Instruments PCM1608 Datasheet HTML 20Page - Texas Instruments PCM1608 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
PCM1608
17
SBAS164A
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 7
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
MUT6
MUT5
MUT4
MUT3
MUT2
MUT1
R/W
Read/Write Mode Select
When R/W = 0, a Write operation is performed.
When R/W = 1, a Read operation is performed.
Default Value: 0
MUTx
Soft Mute Control
Where x = 1 through 6, corresponding to the DAC output VOUTx.
These bits are Read/Write.
Default Value: 0
MUTx = 0
Mute Disabled (default)
MUTx = 1
Mute Enabled
The mute bits, MUT1 through MUT6, are used to enable or disable the Soft Mute function for the
corresponding DAC outputs, VOUT1 through VOUT6. The Soft Mute function is incorporated into the digital
attenuators. When Mute is disabled (MUTx = 0), the attenuator and DAC operate normally. When Mute
is enabled by setting MUTx = 1, the digital attenuator for the corresponding output will be decreased from
the current setting to the infinite attenuation setting one attenuator step (0.5dB) at a time. This provides a
quiet, pop-free muting of the DAC output. Upon returning from Soft Mute, by setting
MUTx = 0, the attenuator will be increased one step at a time to the previously programmed attenuator
level.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 8
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
R/W
Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default Value: 0
DACx
DAC Operation Control
where x = 1 through 6, corresponding to the DAC output VOUTx.
These bits are Read/Write.
Default Value: 0
DACx = 0
DAC Operation Enabled (default)
DACx = 1
DAC Operation Disabled
The DAC operation controls are used to enable and disable the DAC outputs, VOUT1 through VOUT6. When
DACx = 0, the output amplifier input is connected to the DAC output. When DACx = 1, the output amplifier
input is switched to the DC common-mode voltage (VCOM), equal to VCC/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com