Electronic Components Datasheet Search
  English  ▼

X  

PCM1608 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 18Page - Texas Instruments PCM1608 Datasheet HTML 19Page - Texas Instruments PCM1608 Datasheet HTML 20Page - Texas Instruments PCM1608 Datasheet HTML 21Page - Texas Instruments PCM1608 Datasheet HTML 22Page - Texas Instruments PCM1608 Datasheet HTML 23Page - Texas Instruments PCM1608 Datasheet HTML 24Page - Texas Instruments PCM1608 Datasheet HTML 25Page - Texas Instruments PCM1608 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
PCM1608
22
SBAS164A
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 19
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
DAC8
DAC7
R/W
Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default Value: 0
DACx
DAC Operation Control
Where x = 7-8, corresponding to the DAC output VOUTx.
These bits are Read/Write.
Default Value: 0
DACx = 0
DAC Operation Disabled (default)
DACx = 1
DAC Operation Enabled
The DAC operation controls are used to enable and disable the DAC outputs, VOUT7 and VOUT8. When
DACx = 0, the output amplifier input is connected to the DAC output. When DACx = 1, the output amplifier
input is switched to the DC common-mode voltage (VCOM), equal to VCC/2.
ANALOG OUTPUTS
The PCM1608 includes eight independent output channels,
VOUT1 through VOUT8. These are unbalanced outputs, each
capable of driving 3.1Vp-p typical into a 5k
Ω AC load with
VCC = +5V. The internal output amplifiers for VOUT1 through
VOUT8 are DC biased to the common-mode (or bipolar zero)
voltage, equal to VCC/2.
The output amplifiers include an RC continuous-time filter,
which helps to reduce the out-of-band noise energy present
at the DAC outputs due to the noise-shaping characteristics
of the PCM1608’s delta-sigma DACs. The frequency re-
sponse of this filter is shown in Figure 10. By itself, this
filter is not enough to attenuate the out-of-band noise to an
acceptable level for most applications. An external low-pass
filter is required to provide sufficient out-of-band noise
rejection. Further discussion of DAC post-filter circuits is
provided in the Applications Information section of this data
sheet.
VCOM OUTPUT
One unbuffered, common-mode voltage output pin, VCOM
(pin 15), is brought out for decoupling purposes. This pin is
nominally biased to a DC voltage level equal to VCC/2. If
this pin is to be used to bias external circuitry, a voltage
follower is required for buffering purposes. Figure 11 shows
an example of using the VCOM pin for external biasing
applications.
FIGURE 10. Output Filter Frequency Response.
1
10
100
1k
10k
100k
10M
1M
20
0
–20
–40
–60
–80
–100
Log Frequency (Hz)
FIGURE 11. Biasing External Circuits Using the VCOM Pin.
+
OPA337
10
µF
V
COM
PCM1608
15
4
3
1
V
BIAS ≈
V
CC
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com