Electronic Components Datasheet Search
  English  ▼

X  

OPA381 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA381 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA381 Datasheet HTML 14Page - Texas Instruments OPA381 Datasheet HTML 15Page - Texas Instruments OPA381 Datasheet HTML 16Page - Texas Instruments OPA381 Datasheet HTML 17Page - Texas Instruments OPA381 Datasheet HTML 18Page - Texas Instruments OPA381 Datasheet HTML 19Page - Texas Instruments OPA381 Datasheet HTML 20Page - Texas Instruments OPA381 Datasheet HTML 21Page - Texas Instruments OPA381 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA2381AIDGKR
VSSOP
DGK
8
2500
367.0
367.0
35.0
OPA2381AIDGKT
VSSOP
DGK
8
250
210.0
185.0
35.0
OPA2381AIDRBT
SON
DRB
8
250
210.0
185.0
35.0
OPA381AIDGKR
VSSOP
DGK
8
2500
367.0
367.0
35.0
OPA381AIDGKT
VSSOP
DGK
8
250
210.0
185.0
35.0
OPA381AIDRBR
SON
DRB
8
3000
367.0
367.0
35.0
OPA381AIDRBT
SON
DRB
8
250
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Sep-2012
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com