Electronic Components Datasheet Search
  English  ▼

X  

OPA381 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA381 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA381 Datasheet HTML 7Page - Texas Instruments OPA381 Datasheet HTML 8Page - Texas Instruments OPA381 Datasheet HTML 9Page - Texas Instruments OPA381 Datasheet HTML 10Page - Texas Instruments OPA381 Datasheet HTML 11Page - Texas Instruments OPA381 Datasheet HTML 12Page - Texas Instruments OPA381 Datasheet HTML 13Page - Texas Instruments OPA381 Datasheet HTML 14Page - Texas Instruments OPA381 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
11
TRANSIMPEDANCE BANDWIDTH AND
NOISE
Limiting the gain set by RF can decrease the noise
occurring at the output of the transimpedance circuit.
However, all required gain should occur in the
transimpedance stage, since adding gain after the
transimpedance amplifier generally produces poorer
noise
performance.
The
noise
spectral
density
produced by RF increases with the square-root of RF,
whereas the signal increases linearly. Therefore,
signal-to-noise ratio is improved when all the required
gain is placed in the transimpedance stage.
Total noise increases with increased bandwidth. Limit
the circuit bandwidth to only that required. Use a
capacitor, CF, across the feedback resistor, RF, to limit
bandwidth (even if not required for stability), if total
output noise is a concern.
Figure 6a shows the transimpedance circuit without any
feedback capacitor. The resulting transimpedance gain
of this circuit is shown in Figure 7. The –3dB point is
approximately
3MHz.
Adding
a
16pF
feedback
capacitor (Figure 6b) will limit the bandwidth and result
in a –3dB point at approximately 200kHz (seen in
Figure 7). Output noise will be further reduced by
adding a filter (RFILTER and CFILTER) to create a second
pole (Figure 6c). This second pole is placed within the
feedback loop to maintain the amplifier’s low output
impedance. (If the pole was placed outside the
feedback loop, an additional buffer would be required
and would inadvertently increase noise and dc error).
Using RDIODE to represent the equivalent diode
resistance, and CTOT for equivalent diode capacitance
plus OPA381 input capacitance, the noise zero, fZ, is
calculated by:
f
Z
+
R
DIODE ) RF
2
pR
DIODERF CTOT ) CF
CFILTER
= 3.9nF
RFILTER
= 102k
Ω
CF = 22pF
OPA381
RF = 50kΩ
OPA381
OPA381
RF = 50kΩ
RF = 50kΩ
C
F = 16pF
V
OUT
V
BIAS
(b)
λ
C
STRAY = 0.2pF
V
OUT
V
BIAS
(a)
λ
C
STRAY =0.2pF
V
OUT
V
BIAS
(c)
λ
C
STRAY =0.2pF
Figure 6. Transimpedance Circuit Configurations
with Varying Total and Integrated Noise Gain
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com