Electronic Components Datasheet Search
  English  ▼

X  

OPA381 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA381 Datasheet(HTML) 1 Page - Texas Instruments

  OPA381 Datasheet HTML 1Page - Texas Instruments OPA381 Datasheet HTML 2Page - Texas Instruments OPA381 Datasheet HTML 3Page - Texas Instruments OPA381 Datasheet HTML 4Page - Texas Instruments OPA381 Datasheet HTML 5Page - Texas Instruments OPA381 Datasheet HTML 6Page - Texas Instruments OPA381 Datasheet HTML 7Page - Texas Instruments OPA381 Datasheet HTML 8Page - Texas Instruments OPA381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FEATURES
D OVER 250kHz TRANSIMPEDANCE
BANDWIDTH
D DYNAMIC RANGE: 5 Decades
D EXCELLENT LONG-TERM STABILITY
D LOW VOLTAGE NOISE: 10nV/√Hz
D BIAS CURRENT: 3pA
D OFFSET VOLTAGE: 25µV (max)
D OFFSET DRIFT: 0.1µV/°C (max)
D GAIN BANDWIDTH: 18MHz
D QUIESCENT CURRENT: 800µA
D FAST OVERLOAD RECOVERY
D SUPPLY RANGE: 2.7V to 5.5V
D SINGLE AND DUAL VERSIONS
D MicroPACKAGE: DFN-8, MSOP-8
APPLICATIONS
D PRECISION I/V CONVERSION
D PHOTODIODE MONITORING
D OPTICAL AMPLIFIERS
D CAT-SCANNER FRONT-END
D PHOTO LAB EQUIPMENT
1M
Ω
R
F
100k
Ω
+5V
7
2
3
4
6
OPA381
65pF
75pF
C
DIO DE
−5V
R
P
(Optional
Pulldown
Resistor)
VOUT
(0V to 4.4V)
Photodiode
DESCRIPTION
The OPA381 family of transimpedance amplifiers provides
18MHz of Gain Bandwidth (GBW), with extremely high
precision, excellent long-term stability, and very low 1/f noise.
The OPA381 features an offset voltage of 25
µV (max), offset
drift of 0.1
µV/°C (max), and bias current of 3pA. The OPA381
far exceeds the offset, drift, and noise performance that
conventional JFET op amps provide.
The signal bandwidth of a transimpedance amplifier depends
largely on the GBW of the amplifier and the parasitic
capacitance of the photodiode, as well as the feedback
resistor. The 18MHz GBW of the OPA381 enables a trans-
impedance bandwidth of > 250kHz in most configurations.
The OPA381 is ideally suited for fast control loops for power
level measurement on an optical fiber.
As a result of the high precision and low-noise characteristics
of the OPA381, a dynamic range of 5 decades can be
achieved. This capability allows the measurement of signal
currents on the order of 10nA, and up to 1mA in a single I/V
conversion stage. In contrast to logarithmic amplifiers, the
OPA381 provides very wide bandwidth throughout the full
dynamic range. By using an external pulldown resistor to
–5V, the output voltage range can be extended to include 0V.
The OPA381 and OPA2381 are both available in MSOP-8
and DFN-8 (3mm x 3mm) packages. They are specified
from –40
°C to +125°C.
OPA381 RELATED DEVICES
PRODUCT
FEATURES
OPA380
90MHz GBW, 2.7V to 5.5V Supply
Transimpedance Amplifier
OPA132
16MHz GBW, Precision FET Op Amp
±15V
OPA300
150MHz GBW, Low-Noise, 2.7V to 5.5V Supply
OPA335
10
µV VOS, Zero-Drift, 2.5V to 5V Supply
OPA350
500
µV VOS, 38MHz, 2.5V to 5V Supply
OPA354
100MHz GBW CMOS, RRIO, 2.5V to 5V Supply
OPA355
200MHz GBW CMOS, 2.5V to 5V Supply
OPA656/7
230MHz, Precision FET,
±5V
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
Precision, Low Power, 18MHz
Transimpedance Amplifier
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
All trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA381

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA381 BURR-BROWN-OPA381 Datasheet
489Kb / 19P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Texas Instruments
OPA381 TI2-OPA381 Datasheet
845Kb / 26P
Precision, Low Power, 18MHz Transimpedance Amplifier
REVISED NOVEMBER 2004
logo
Burr-Brown (TI)
OPA381AIDGKR BURR-BROWN-OPA381AIDGKR Datasheet
489Kb / 19P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Texas Instruments
OPA381AIDGKR TI2-OPA381AIDGKR Datasheet
845Kb / 26P
Precision, Low Power, 18MHz Transimpedance Amplifier
REVISED NOVEMBER 2004
OPA381AIDGKR.B TI2-OPA381AIDGKR.B Datasheet
845Kb / 26P
Precision, Low Power, 18MHz Transimpedance Amplifier
REVISED NOVEMBER 2004
More results

Similar Description - OPA381

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5222 PHILIPS-SA5222 Datasheet
80Kb / 8P
Low-power FDDI transimpedance amplifier
1995 Apr 26
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657 Datasheet
433Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
Rev 2; 2/04
logo
Burr-Brown (TI)
OPA2381 BURR-BROWN-OPA2381 Datasheet
489Kb / 19P
Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
Precision, High-Speed Transimpedance Amplifier
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com