Electronic Components Datasheet Search
  English  ▼

X  

OPA381 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA381 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA381 Datasheet HTML 10Page - Texas Instruments OPA381 Datasheet HTML 11Page - Texas Instruments OPA381 Datasheet HTML 12Page - Texas Instruments OPA381 Datasheet HTML 13Page - Texas Instruments OPA381 Datasheet HTML 14Page - Texas Instruments OPA381 Datasheet HTML 15Page - Texas Instruments OPA381 Datasheet HTML 16Page - Texas Instruments OPA381 Datasheet HTML 17Page - Texas Instruments OPA381 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
14
OPA381
R
F
100
Ω
1nF
ADS8325
C
F
RC values shown are optimized for the
ADS8325
 values may vary for other ADCs.
Figure 13. Driving 16-Bit ADCs
INVERTING AMPLIFIER
Its excellent dc precision characteristics make the
OPA381 also useful as an inverting amplifier. Figure 14
shows it configured for use on a single-supply set to a
gain of 10.
V
OUT =
V+
OPA381
R
1
100k
Ω
R
2
10k
Ω
V
BIAS −
xV
IN
R
2
R
1
V
BIAS
V
IN
C
F
Figure 14. Inverting Gain
PRECISION INTEGRATOR
With its low offset voltage, the OPA381 is well-suited for
use as an integrator. Some applications require a
means to reset the integration. The circuit shown in
Figure 15 uses a mechanical switch as the reset
mechanism. The switch is opened at the beginning of
the integration period. It is shown in the open position,
which is the integration mode. With the values of R1 and
C1 shown, the output changes −1V/s per volt of input.
OPA381
V
OUT
V+
R
1
1M
Ω
SW1
V
BIAS
V
IN
C
1
1
µF
1
µF
Figure 15. Precision Integrator
DFN (DRB) THERMALLY-
ENHANCED PACKAGE
One of the package options for the OPA381 and
OPA2381 is the DFN-8 package, a thermally-enhanced
package designed to eliminate the use of bulky heat
sinks and slugs traditionally used in thermal packages.
The absence of external leads eliminates bent-lead
concerns and issues.
Although the power dissipation requirements of a given
application might not require a heat sink, for mechanical
reliability, the exposed power pad must be soldered to
the board and connected to V− (pin 4). This package
can be easily mounted using standard PCB assembly
techniques. See Application Note SLUA271, QFN/SON
PCB Attachment, located at www.ti.com. These DFN
packages have reliable solderability with either SnPb or
Pb-free solder paste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com