Electronic Components Datasheet Search
  English  ▼

X  

OPA381 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA381 Datasheet(HTML) 4 Page - Texas Instruments

  OPA381 Datasheet HTML 1Page - Texas Instruments OPA381 Datasheet HTML 2Page - Texas Instruments OPA381 Datasheet HTML 3Page - Texas Instruments OPA381 Datasheet HTML 4Page - Texas Instruments OPA381 Datasheet HTML 5Page - Texas Instruments OPA381 Datasheet HTML 6Page - Texas Instruments OPA381 Datasheet HTML 7Page - Texas Instruments OPA381 Datasheet HTML 8Page - Texas Instruments OPA381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
4
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V
All specifications at TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
140
120
100
80
60
40
20
0
−20
OPEN−LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
200
150
100
50
0
−50
−100
−150
−200
10
100k
1M
100
1k
10k
100M
10M
Phase
Gain
140
120
100
80
60
40
20
0
−20
−40
−60
POWER−SUPPLY REJECTION RATIO AND
COMMON−MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100k
1M
100
1k
10k
100M
10M
PSRR
CMRR
90
80
70
60
50
40
30
20
10
PHASE MARGIN vs LOAD CAPACITANCE
C
L Load Capacitance (pF)
0
100
200
300
400
500
600
700
900
800
1000
R
S =100Ω
R
S =50Ω
R
S =0Ω
50k
Ω
100pF
R
S
C
L
1.00
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
QUIESCENT CURRENT vs TEMPERATURE
2.7V
5.5V
Temperature (
_C)
−40
100
125
−25
0
25
50
75
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
2.73.1
3.5
3.9
4.34.7
5.15.5
1.00
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
1000
100
10
1
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−40
100
125
−25
0
25
50
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com