Electronic Components Datasheet Search
  English  ▼

X  

OPA381 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA381 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA381 Datasheet HTML 2Page - Texas Instruments OPA381 Datasheet HTML 3Page - Texas Instruments OPA381 Datasheet HTML 4Page - Texas Instruments OPA381 Datasheet HTML 5Page - Texas Instruments OPA381 Datasheet HTML 6Page - Texas Instruments OPA381 Datasheet HTML 7Page - Texas Instruments OPA381 Datasheet HTML 8Page - Texas Instruments OPA381 Datasheet HTML 9Page - Texas Instruments OPA381 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
6
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
All specifications at TA = +25°C, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
C
F
Circuit for Transimpedance Amplifier Characteristic curves on this page.
R
F
C
DIODE
OPA381
C
STRAY
TRANSIMPEDANCE AMP CHARACTERISTIC
100
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
1k
10k
100k
1M
10M
100M
Frequency (Hz)
R
F =10MΩ
C
DIODE = 100pF
CF = 0.5pF
RF =1MΩ
C
F =1pF
R
F = 100kΩ
CF = 4pF
R
F =10kΩ
C
F =12pF
CSTRAY (parasitic) = 0.2pF
TRANSIMPEDANCE AMP CHARACTERISTIC
100
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
1k
10k
100k
1M
10M
100M
Frequency (Hz)
R
F =10MΩ
CDIODE = 50pF
RF =1MΩ
C
F =1pF
R
F = 100kΩ
CF = 3pF
R
F =10kΩ
C
F =8pF
CSTRAY (parasitic) = 0.2pF
TRANSIMPEDANCE AMP CHARACTERISTIC
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
CSTRAY (parasitic) = 0.2pF
CDIODE = 20pF
RF = 10MΩ
RF =1MΩ
CF =0.5pF
RF =100kΩ
C
F =2pF
RF = 10kΩ
CF =5pF
TRANSIMPEDANCE AMP CHARACTERISTIC
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
CDIODE = 10pF
C
STRAY (parasitic) = 0.2pF
R
F = 10MΩ
RF =1MΩ
CF =0.5pF
R
F =100kΩ
C
F =2pF
RF = 10kΩ
CF =4pF
TRANSIMPEDANCE AMP CHARACTERISTIC
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
CSTRAY (parasitic) = 0.2pF
CDIODE =1pF
RF = 10MΩ
R
F =1MΩ
RF =100kΩ
RF = 10kΩ
C
F = 0.5pF
C
F = 2pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com