Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 16 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 12Page - Texas Instruments ONET1130EC Datasheet HTML 13Page - Texas Instruments ONET1130EC Datasheet HTML 14Page - Texas Instruments ONET1130EC Datasheet HTML 15Page - Texas Instruments ONET1130EC Datasheet HTML 16Page - Texas Instruments ONET1130EC Datasheet HTML 17Page - Texas Instruments ONET1130EC Datasheet HTML 18Page - Texas Instruments ONET1130EC Datasheet HTML 19Page - Texas Instruments ONET1130EC Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Frequency (GHz)
0.1
1
10
100
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D003
Frequency (GHz)
0.1
1
10
100
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D004
Frequency (GHz)
0.1
1
10
100
0
5
10
15
20
25
30
35
40
45
50
D001
Input Voltage (mVPP)
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
800
D002
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
Typical operating condition is at VCC = 2.5 V, TA = 25°C, TXOUT+ = 2 VPP Single-ended, RXOUT = 600 mVPP differential,
TXIN = 600 mVPP differential, TX and RX CDRs enabled (unless otherwise noted).
TXMODE = 0
15 ps/Div
TXMODE = 1
15 ps/Div
Figure 21. TX Eye-Diagram at 11.3 Gbps
Figure 22. TX Eye-Diagram at 11.3 Gbps
Figure 23. RX Frequency Response (CDR Disabled)
Figure 24. RX Transfer Function
Figure 25. RX Differential Input Return Gain vs Frequency
Figure 26. RX Differential Output Return Gain vs Frequency
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com