Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 14 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 10Page - Texas Instruments ONET1130EC Datasheet HTML 11Page - Texas Instruments ONET1130EC Datasheet HTML 12Page - Texas Instruments ONET1130EC Datasheet HTML 13Page - Texas Instruments ONET1130EC Datasheet HTML 14Page - Texas Instruments ONET1130EC Datasheet HTML 15Page - Texas Instruments ONET1130EC Datasheet HTML 16Page - Texas Instruments ONET1130EC Datasheet HTML 17Page - Texas Instruments ONET1130EC Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Bias Current (mA)
0
20
40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D020
Photodiode Current (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
D021
TXBIAS Register 15 and 16 Setting (Decimal)
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
180
D018
TXBIAS Register 15 and 16 Setting (Decimal)
0
200
400
600
800
1000
1200
0
20
40
60
80
100
120
140
160
180
D019
TXMOD Register 12 Setting - Decimal
0
20
40
60
80
100 120 140 160 180 200 220
0
5
10
15
20
25
30
35
40
D016
Rise Time
Fall Time
Free-Air Temperature (°C)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
D017
Rise Time
Fall Time
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
Typical operating condition is at VCC = 2.5 V, TA = 25°C, TXOUT+ = 2 VPP Single-ended, RXOUT = 600 mVPP differential,
TXIN = 600 mVPP differential, TX and RX CDRs enabled (unless otherwise noted).
TXMODE = 1
TXMODE = 1
Figure 9. TX Rise-Time and Fall-Time vs Modulation Current
Figure 10. TX Rise-Time and Fall-Time vs Temperature
Figure 11. Source Bias Current in Open Loop Mode vs Bias
Figure 12. Sink Bias Current in Open Loop Mode vs Bias
Register Setting
Register Setting
TXPDRNG[0..1] = 00
Figure 13. Bias-Monitor Current I(MONB) vs Bias Current
Figure 14. Photodiode-Monitor Current I(MONP) vs PD Current
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com