Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 32 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 28Page - Texas Instruments ONET1130EC Datasheet HTML 29Page - Texas Instruments ONET1130EC Datasheet HTML 30Page - Texas Instruments ONET1130EC Datasheet HTML 31Page - Texas Instruments ONET1130EC Datasheet HTML 32Page - Texas Instruments ONET1130EC Datasheet HTML 33Page - Texas Instruments ONET1130EC Datasheet HTML 34Page - Texas Instruments ONET1130EC Datasheet HTML 35Page - Texas Instruments ONET1130EC Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
ONET1130EC
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
www.ti.com
8.6 Register Mapping
8.6.1 R/W Control Registers
8.6.1.1 Core Level Register 0 (offset = 0100 0001 [reset = 41h]
Figure 41. Core Level Register 0
7
6
5
4
3
2
1
0
0
Reserved
0
1
RWSC
RW
–
–
–
RWSC
RWSC
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset. RWSC = Read/Write self clearing (always reads back to zero)
Table 3. Core Level Register 0 Field Descriptions
Bit
Field
Type
Reset
Description
7
GLOBAL SW_PIN RESET
RWSC
0h
Global Reset SW
1 = reset, resets all I2C and EEPROM modules to default
0 = normal operation (self-clearing, always reads back ‘0’)
6 :2
–
R/W
4h
Reserved
1
I2C RESET
RWSC
0h
Chip reset bit
1 = resets all I2C registers to default
0 = normal operation (self-clearing, always reads back ‘0’)
0
EN_CHIP
R/W
1h
Enable chip bit
1 = Chip enabled
8.6.1.2
Core Level Register 1 (offset = 0000 0000) [reset = 0h]
Figure 42. Core Level Register 1
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 4. Core Level Register 1 Field Descriptions
Bit
Field
Type
Reset
Description
Analog photodiode current monitor fault trigger bit
7
TXMONPFLT
R/W
0
1 = Fault trigger on MONP pin is enabled
0 = Fault trigger on MONP pin is disabled
Photodiode current range bits
6
TXPDRNG1
1X: up to 3080
μA / 3μA resolution
R/W
0
5
TXPDRNG0
01: up to 1540
μA / 1.5μA resolution
00: up to 770
μA / 0.75μA resolution
Open loop enable bit
4
TXOLENA
R/W
0
1 = Open loop bias current control
0 = Closed loop bias current control
Fault detection enable bit
3
TXFLTEN
R/W
0
1 = Fault detection on
0 = Fault detection off
Laser Bias current enable bit
2
TXBIASEN
R/W
0
1 = Bias current enabled. Toggle to 0 to reset a fault condition.
0 = Bias current disabled
Laser Bias current polarity bit
1
TXBIASPOL
R/W
0
1 = Bias pin sinks current
0 = Bias pin sources current
32
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com