Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 49 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 45Page - Texas Instruments ONET1130EC Datasheet HTML 46Page - Texas Instruments ONET1130EC Datasheet HTML 47Page - Texas Instruments ONET1130EC Datasheet HTML 48Page - Texas Instruments ONET1130EC Datasheet HTML 49Page - Texas Instruments ONET1130EC Datasheet HTML 50Page - Texas Instruments ONET1130EC Datasheet HTML 51Page - Texas Instruments ONET1130EC Datasheet HTML 52Page - Texas Instruments ONET1130EC Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
TXIN+
TXIN-
GND
RXIN+
SDA
RX_LOS
RXIN-
GND
SCK
GND
LOL
GND
PD
ONET1130EC
TXIN+
TXIN-
0.1F
0.1F
LOL
TX_DIS
0.1F
VCC_TX
0.1F
RXIN+
RXIN-
0.1F
SDA
SCK
0.1F
VCC_RX
RXOUT-
RXOUT+
0.1F
0.1F
MONP
0.1F
0.1F
2.2nF
2.2nF
MONB
MONP
COMP
MONB
TX_FLT
VDD
LOS
0.01F
4.7k
to10k
VCC_R
4.7k
to10k
VCC_T
4.7k
to10k
MZ MOD+
MZ MOD-
0.1F
0.1F
VCC
4.7k
to10k
VCC
4.7k
to10k
4.7k
to10k
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
9 Application Information and Implementations
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The ONET1130EC is designed to be used in conjunction with a Transmitter Optical Sub-Assembly (TOSA) and a
Receiver Optical Sub-Assembly (ROSA). The ONET1130EC, TOSA, ROSA, microcontroller and power
management circuitry will typically be used in an XFP or SFP+ 10 Gbps optical transceiver. Figure 68 shows the
ONET1130EC in differential mode of operation modulating a differentially driven Mach Zehnder (MZ) modulator
TOSA and Figure 70 and Figure 71 show the device in single-ended output mode with an Electroabsorptive
Modulated Laser (EML) TOSA. Figure 70 has the photodiode cathode available and Figure 71 has the
photodiode anode available.
9.2 Typical Application, Transmitter Differential Mode
Figure 68. Typical Application Circuit in Differential Mode
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com