Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 15 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 11Page - Texas Instruments ONET1130EC Datasheet HTML 12Page - Texas Instruments ONET1130EC Datasheet HTML 13Page - Texas Instruments ONET1130EC Datasheet HTML 14Page - Texas Instruments ONET1130EC Datasheet HTML 15Page - Texas Instruments ONET1130EC Datasheet HTML 16Page - Texas Instruments ONET1130EC Datasheet HTML 17Page - Texas Instruments ONET1130EC Datasheet HTML 18Page - Texas Instruments ONET1130EC Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
TXBMF Register 17 Setting (Decimal)
0
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
D026
TXPMF Register 18 Setting (Decimal)
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
1.2
D027
Free Air Temperature (°C
-40
-20
0
20
40
60
80
100
220
230
240
250
260
270
280
290
300
D024
Free Air Temperature (°C)
-40
-20
0
20
40
60
80
100
180
190
200
210
220
230
240
250
260
D025
TXMOD Register 12 Setting (Decimal)
0
20
40
60
80
100 120 140 160 180 200 220
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D022
TXMOD Register 12 Setting (Decimal)
0
20
40
60
80
100 120 140 160 180 200 220
0
0.5
1
1.5
2
2.5
D023
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
Typical Characteristics (continued)
Typical operating condition is at VCC = 2.5 V, TA = 25°C, TXOUT+ = 2 VPP Single-ended, RXOUT = 600 mVPP differential,
TXIN = 600 mVPP differential, TX and RX CDRs enabled (unless otherwise noted).
TXMODE = 0
TXMODE = 1
Figure 15. Output Voltage vs Modulation Current
Figure 16. Output Voltage vs Modulation Current
TXMODE = 0
Bias Current = 0
TXMODE = 1
Bias Current = 0
Figure 17. Supply Current vs Temperature
Figure 18. Supply Current vs Temperature
Figure 19. Bias Current Monitor Fault vs TXBMF Register
Figure 20. Photodiode Current Monitor Fault vs TXPMF
Setting
Register Setting
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com