Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 33 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 29Page - Texas Instruments ONET1130EC Datasheet HTML 30Page - Texas Instruments ONET1130EC Datasheet HTML 31Page - Texas Instruments ONET1130EC Datasheet HTML 32Page - Texas Instruments ONET1130EC Datasheet HTML 33Page - Texas Instruments ONET1130EC Datasheet HTML 34Page - Texas Instruments ONET1130EC Datasheet HTML 35Page - Texas Instruments ONET1130EC Datasheet HTML 36Page - Texas Instruments ONET1130EC Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
Table 4. Core Level Register 1 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
Photodiode polarity bit
0
TXPDPOL
R/W
0
1 = Photodiode cathode connected to VCC
0 = Photodiode anode connected to GND
8.6.1.3
Core Level Register 2 (offset = 0000 0000 ) [reset = 0h]
Figure 43. Core Level Register 2
7
6
5
4
3
2
1
0
Reserved
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 5. Core Level Register 2 Field Descriptions
Bit
Field
Type
Reset
Description
7:4
–
R/W
0h
Reserved
3
–
R/W
0h
Reserved
2
–
R/W
0h
Reserved
1
RX_LBMUX
R/W
0h
RX-Loopback MUX Setting (optical LB)
1 = Loopback from TX-CDR output selected.
0 = Normal operation: RX-CDR output selected
0
TX_LBMUX
R/W
0h
TX-Loopback MUX Setting (electrical LB)
1 = Loopback from RX-CDR output selected.
0 = Normal operation: TX-CDR output selected
8.6.1.4 Core Level Register 3 (offset = 0000 0000) [reset = 0h]
Figure 44. Core Level Register 3
7
6
5
4
3
2
1
0
0
0
–
0
–
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6. Core Level Register 3 Field Descriptions
Bit
Field
Type
Reset
Description
ADC enabled bit
7
ADCEN
R/W
0h
1 = ADC enabled
0 = ADC disabled
ADC oscillator bit
6
OSCEN
R/W
0h
1 = Oscillator enabled
0 = Oscillator disabled
5
–
R/W
0h
Reserved
ADC reset
4
ADCRST
R/W
0h
1 = ADC reset
0 = ADC no reset
3
–
R/W
0h
Reserved
2
ADCSEL2
R/W
0h
ADC input selection bits <2:0>
000 selects the temperature sensor
1
ADCSEL1
R/W
0h
001 selects the power supply monitor
010 selects IMONB
0
ADCSEL0
R/W
0h
011 selects IMONP
1XX are reserved
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com