Electronic Components Datasheet Search
  English  ▼

X  

ONET1130EC Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1130EC
Description  11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1130EC Datasheet(HTML) 17 Page - Texas Instruments

Back Button ONET1130EC Datasheet HTML 13Page - Texas Instruments ONET1130EC Datasheet HTML 14Page - Texas Instruments ONET1130EC Datasheet HTML 15Page - Texas Instruments ONET1130EC Datasheet HTML 16Page - Texas Instruments ONET1130EC Datasheet HTML 17Page - Texas Instruments ONET1130EC Datasheet HTML 18Page - Texas Instruments ONET1130EC Datasheet HTML 19Page - Texas Instruments ONET1130EC Datasheet HTML 20Page - Texas Instruments ONET1130EC Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Register Setting (Decimal)
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
D009
LOS Assert Voltage
LOS Deassert Voltage
Register Setting (Decimal)
0
10
20
30
40
0
1
2
3
4
5
6
7
8
D028
Input Voltage (mVPP)
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
D007
Register Setting (Decimal)
0
10
20
30
40
0
20
40
60
80
100
120
140
160
180
200
220
240
260
D008
LOS Assert Voltage
LOS Deassert Voltage
Input Voltage (mVPP)
0
1
2
3
4
5
1E-12
1E-11
1E-10
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
1E-3
D005
Input Voltage (mVPP)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
1
2
3
4
5
6
7
8
D006
ONET1130EC
www.ti.com
SLLSEJ3A – JUNE 2015 – REVISED JULY 2015
Typical Characteristics (continued)
Typical operating condition is at VCC = 2.5 V, TA = 25°C, TXOUT+ = 2 VPP Single-ended, RXOUT = 600 mVPP differential,
TXIN = 600 mVPP differential, TX and RX CDRs enabled (unless otherwise noted).
11.3 Gbps
TX Disabled
Figure 27. RX Bit-Error Ratio vs Input Amplitude
Figure 28. RX Deterministic Jitter vs Input Amplitude
RX LOSRNG = 0
Figure 29. RX Random Jitter vs Input Amplitude
Figure 30. LOS Assert / Deassert Voltage vs Register 7
Setting
RX LOSRNG = 1
RX LOSRNG = 0
Figure 31. LOS Assert / Deassert Voltage vs Register 7
Figure 32. LOS Hysteresis vs Register 7 Setting
Setting
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ONET1130EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com