Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 2Page - Texas Instruments OPA698 Datasheet HTML 3Page - Texas Instruments OPA698 Datasheet HTML 4Page - Texas Instruments OPA698 Datasheet HTML 5Page - Texas Instruments OPA698 Datasheet HTML 6Page - Texas Instruments OPA698 Datasheet HTML 7Page - Texas Instruments OPA698 Datasheet HTML 8Page - Texas Instruments OPA698 Datasheet HTML 9Page - Texas Instruments OPA698 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
OPA698
6
SBOS258B
www.ti.com
OUTPUT VOLTAGE LIMITERS (Cont.)
Limited Step Response
2x Overdrive
Overshoot
VIN = VCM to VCM ± 1.2V Step
55
mV
typ
C
Recovery Time
VIN = VCM ± 1.2V to VCM Step
3
ns
typ
C
Linearity Guardband(9)
f = 5MHz, VO = 2VPP
30
mV
typ
C
THERMAL CHARACTERISTICS
Temperature Range
Specification: I
–40 to +85
°C
typ
C
Thermal Resistance
Junction-to-Ambient
DSO-8
125
———
°C/W
typ
C
NOTES: (1) Junction temperature = ambient for +25
°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23
°C at high temperature limit for over temperature
specifications.
(3) Test levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.
(4) Current is considered positive out of node.
(5) CMIR tested as < 3dB degradation from minimum CMRR at specified limits.
(6) IVH (VH bias current) is negative, and IVL (VL bias current) is positive, under these conditions. See Note 3, Figures 2, and Figure 8.
(7) Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
(8) VH slew rate conditions are: VIN = VCM + 0.4V, G = +2, VL = VCM – 1.2V, VH = step between VCM + 1.2V and VCM. VL slew rate conditions are similar.
(9) Linearity Guardband is defined for an output sinusoid (f = 5MHz, VO = VCM ± 1VPP) centered between the limiter levels (VH and VL). It is the difference between
the limiter level and the peak output voltage where SFDR decreases by 3dB (see Figure 9).
ELECTRICAL CHARACTERISTICS: VS = +5V (Cont.)
Boldface limits are tested at +25
°C.
G = +2, RL = 500Ω tied to VCM = 2.5V, RF = 402Ω, VL = VCM –1.2V, and VH = VCM +1.2V (see Figure 2 for AC performance only), unless otherwise noted.
OPA698ID
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1) +70°C(2) +85°C(2)
UNITS
MAX LEVEL(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com