Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 18Page - Texas Instruments OPA698 Datasheet HTML 19Page - Texas Instruments OPA698 Datasheet HTML 20Page - Texas Instruments OPA698 Datasheet HTML 21Page - Texas Instruments OPA698 Datasheet HTML 22Page - Texas Instruments OPA698 Datasheet HTML 23Page - Texas Instruments OPA698 Datasheet HTML 24Page - Texas Instruments OPA698 Datasheet HTML 25Page - Texas Instruments OPA698 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
OPA698
22
SBOS258B
www.ti.com
FIGURE 22. Driving Capacitive Loads.
OPA698
C
L
R
L
R
T
R
S
R
G
R
F
V
O
R
L is optional
THERMAL CONSIDERATIONS
The OPA698 will not require heat sinking under most oper-
ating conditions. Maximum desired junction temperature will
set a maximum allowed internal power dissipation as de-
scribed below. In no case should the maximum junction
temperature be allowed to exceed 150
°C.
The total internal power dissipation (PD) is the sum of
quiescent power (PDQ) and the additional power dissipated in
the output stage (PDL) while delivering load power. PDQ is
simply the specified no-load supply current times the total
supply voltage across the part. PDL depends on the required
output signals and loads. For a grounded resistive load, and
equal bipolar supplies, it is at maximum when the output is
at 1/2 either supply voltage. In this condition, PDL = VS2/(4RL)
where RL includes the feedback network loading. Note that it
is the power in the output stage, and not in the load, that
determines internal power dissipation.
The operating junction temperature is: TJ = TA + PD x θJA,
where TA is the ambient temperature. For example, the
maximum TJ for a OPA698ID with G = +2, RF = 402Ω, RL =
100
Ω, and ±V
S = ±5V at the maximum TA = +85°C is
calculated as:
P
V
mA
mW
P
V
mW
PmW
mW
mW
TC
mW
C W
C
DQ
DL
D
J
(
) =
=
( )
×
(
)
=
=+
=
=° +
×
°
=
°
10
15 5
155
5
4
100
804
70
155
70
225
85
225
125
113
2
.
||
/
ΩΩ
This would be the maximum TJ from VO = ±2.5VDC. Most
applications will be at a lower output stage power and have
a lower TJ.
CAPACITIVE LOADS
Capacitive loads, such as the input to ADCs, will decrease
the amplifier phase margin, which may cause high-frequency
peaking or oscillations. Capacitive loads
≥ 2pF should be
isolated by connecting a small resistor in series with the
output, as shown in Figure 22. Increasing the gain from +2
will improve the capacitive drive capabilities due to increased
phase margin.
In general, capacitive loads should be minimized for optimum
high-frequency performance. The capacitance of coax cable
(29pF/ft for RG-58) will not load the amplifier when the
coaxial cable, or transmission line, is terminated in its char-
acteristic impedance.
FREQUENCY RESPONSE COMPENSATION
The OPA698 is internally compensated to be unity-gain
stable, and has a nominal phase margin of 60
° at a gain of
+2. Phase margin and peaking improve at higher gains.
Recall that an inverting gain of –1 is equivalent to a gain of
+2 for bandwidth purposes (that is, noise gain = 2). Standard
external compensation techniques work with this device.
For example, in the inverting configuration, the bandwidth
may be limited without modifying the inverting gain by placing
a series RC network to ground on the inverting node. This
has the effect of increasing the noise gain at high frequen-
cies, which limits the bandwidth.
To maintain a wide bandwidth at high gains, cascade several
op amps, or use the high-gain optimized OPA699.
In applications where a large feedback resistor is required,
such as photodiode transimpedance amplifier, the parasitic
capacitance from the inverting input to ground causes peak-
ing or oscillations. To compensate for this effect, connect a
small capacitor in parallel with the feedback resistor. The
bandwidth will be limited by the pole that the feedback
resistor and this capacitor create. In other high-gain applica-
tions, use a three-resistor
Tee network to reduce the RC time
constants set by the parasitic capacitances. Be careful not to
increase the noise generated by this feedback network too
much.
PULSE SETTLING TIME
The OPA698 is capable of an extremely fast settling time in
response to a pulse input. Frequency response flatness and
phase linearity are needed to obtain the best settling times.
For capacitive loads, such as an ADC, use the recom-
mended RS in the typical performance curve RS vs Capaci-
tive Load. Extremely fine-scale settling (0.01%) requires
close attention to ground return current in the supply
decoupling capacitors.
The pulse settling characteristics, when recovering from
overdrive, are very good.
DISTORTION
The OPA698 distortion performance is specified for a 500
load, such as an ADC. Driving loads with smaller resistance
will increase the distortion, as illustrated in Figure 23. Re-
member to include the feedback network in the load resis-
tance calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com