Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 8Page - Texas Instruments OPA698 Datasheet HTML 9Page - Texas Instruments OPA698 Datasheet HTML 10Page - Texas Instruments OPA698 Datasheet HTML 11Page - Texas Instruments OPA698 Datasheet HTML 12Page - Texas Instruments OPA698 Datasheet HTML 13Page - Texas Instruments OPA698 Datasheet HTML 14Page - Texas Instruments OPA698 Datasheet HTML 15Page - Texas Instruments OPA698 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
OPA698
12
SBOS258B
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
±PSRR AND CMRR vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
75
50
25
100
90
85
80
75
70
65
60
55
50
PSRR+
PSRR–
CMRR
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Output Current (mA)
–400
–300
–200
–100
0
200
100
300
400
5
4
3
2
1
0
–1
–2
–3
–4
–5
1W Internal
Power Limit
1W Internal
Power Limit
R
L = 25Ω
V
H = –VL = 4.3V
R
L = 50Ω
R
L = 100Ω
LIMITER FEEDTHROUGH
Frequency (MHz)
110
100
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
OPA698
402
Ω
0.02V
PP + 2VDC
Open
402
Ω
V
O
V
H
V
L
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (Hz)
1M
100M
10M
1G
100
10
1
0.1
0.01
0.001
G = +1
R
F = 25Ω
V
O = 0.2VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com