Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 19Page - Texas Instruments OPA698 Datasheet HTML 20Page - Texas Instruments OPA698 Datasheet HTML 21Page - Texas Instruments OPA698 Datasheet HTML 22Page - Texas Instruments OPA698 Datasheet HTML 23Page - Texas Instruments OPA698 Datasheet HTML 24Page - Texas Instruments OPA698 Datasheet HTML 25Page - Texas Instruments OPA698 Datasheet HTML 26Page - Texas Instruments OPA698 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
OPA698
24
SBOS258B
www.ti.com
A fine-scale output offset null, or DC operating point adjust-
ment, is often required. Numerous techniques are available
for introducing DC offset control into an op amp circuit. Most
of these techniques eventually reduce to adding a DC current
through the feedback resistor. In selecting an offset trim
method, one key consideration is the impact on the desired
signal path frequency response. If the signal path is intended
to be noninverting, the offset control is best applied as an
inverting summing signal to avoid interaction with the signal
source. If the signal path is intended to be inverting, applying
the offset control to the noninverting input may be consid-
ered. However, the DC offset voltage on the summing
junction will set up a DC current back into the source which
must be considered. Applying an offset adjustment to the
inverting op amp input can change the noise gain and
frequency response flatness. For a DC-coupled inverting
amplifier, Figure 25 shows one example of an offset adjust-
ment technique that has minimal impact on the signal fre-
quency response. In this case, the DC offsetting current is
brought into the inverting input node through resistor values
that are much larger than the signal path resistors. This will
insure that the adjustment circuit has minimal effect on the
loop gain as well as the frequency response.
BOARD LAYOUT GUIDELINES
Achieving optimum performance with the high-frequency
OPA698 requires careful attention to layout design and
component selection. Recommended PCB layout techniques
and component selection criteria are:
a) Minimize parasitic capacitance to any AC ground for all
of the signal I/O pins. Open a window in the ground and
power planes around the signal I/O pins, and leave the
ground and power planes unbroken elsewhere.
b) Provide a high quality power supply. Use linear regu-
lators, ground plane and power planes to provide power.
Place high frequency 0.1
µF decoupling capacitors < 0.2"
away from each power-supply pin. Use wide, short traces to
connect to these capacitors to the ground and power planes.
Also use larger (2.2
µF to 6.8µF) high-frequency decoupling
capacitors to bypass lower frequencies. They may be some-
what further from the device, and be shared among several
adjacent devices.
c) Place external components close to the OPA698. This
minimizes inductance, ground loops, transmission line ef-
fects and propagation delay problems. Be extra careful with
the feedback (RF), input and output resistors.
d) Use high-frequency components to minimize parasitic
elements. Resistors should be a very low reactance type.
Surface-mount resistors work best and allow a tighter layout.
Metal film or carbon composition axially-leaded resistors can
also provide good performance when their leads are as short
as possible. Never use wirewound resistors for high-fre-
quency applications. Remember that most potentiometers
have large parasitic capacitances and inductances. Multi-
layer ceramic chip capacitors work best and take up little
space. Monolithic ceramic capacitors also work very well.
Use RF type capacitors with low ESR and ESL. The large
power pin bypass capacitors (2.2
µF to 6.8µF) should be
tantalum for better high frequency and pulse performance.
e) Choose low resistor values to minimize the time con-
stant set by the resistor and its parasitic parallel capacitance.
Good metal film or surface mount resistors have approxi-
mately 0.2pF parasitic parallel capacitance. For resistors
> 1.5k
Ω, this adds a pole and/or zero below 500MHz. Make
sure that the output loading is not too heavy. The recom-
mended 402
Ω feedback resistor is a good starting point in
most designs.
f) Use short direct traces to other wideband devices on
the board. Short traces act as a lumped capacitive load.
Wide traces (50 to 100 mils) should be used. Estimate the
total capacitive load at the output, and use the series isola-
tion resistor recommended in the typical performance curve,
RS vs Capacitive Load. Parasitic loads < 2pF may not need
the isolation resistor.
R
F
1k
Ω
±200mV Output Adjustment
= –
= –2
Supply Decoupling
Not Shown
5k
Ω
5k
Ω
328
Ω
0.1
µF
R
G
500
Ω
V
I
20k
Ω
10k
Ω
0.1
µF
–5V
+5V
OPA698
+5V
–5V
V
O
V
O
V
I
R
F
R
G
FIGURE 25. DC-Coupled, Inverting Gain of –2, with Offset
Adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com