Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 3Page - Texas Instruments OPA698 Datasheet HTML 4Page - Texas Instruments OPA698 Datasheet HTML 5Page - Texas Instruments OPA698 Datasheet HTML 6Page - Texas Instruments OPA698 Datasheet HTML 7Page - Texas Instruments OPA698 Datasheet HTML 8Page - Texas Instruments OPA698 Datasheet HTML 9Page - Texas Instruments OPA698 Datasheet HTML 10Page - Texas Instruments OPA698 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
OPA698
7
SBOS258B
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
TA = +25°C, G = +2, RF = 402Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
1
10
100
400
Frequency (MHz)
9
6
3
0
–3
–6
See Figure 1
V
O = 1VPP
V
O =
2V
PP
V
O = 4VPP
V
O = 7VPP
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
10
1
100
800
Frequency (MHz)
6
3
0
–3
–6
–9
–12
V
O = 0.2VPP
G = +1, R
F = 25Ω, RC = ∞
G = +1, R
F = 25Ω, RC = 175Ω
G = +2, R
C = ∞
G = +5, R
C = ∞
OPA698
R
F
R
C
R
G
V
O
V
IN
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
10
1
100
500
Frequency (MHz)
3
0
–3
–6
–9
–12
V
O = 0.2VPP
R
F = 402Ω, RG Adjusted
See Figure 3
G = –1
G = –5
G = –2
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
1
10
100
400
Frequency (MHz)
9
6
3
0
–3
–6
See Figure 3
V
O = 1VPP
V
O = 7VPP
V
O = 4VPP
V
O = 2VPP
G = –2V/V, R
F = 402Ω
V
H—LIMITER SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
3
0
–3
–6
–9
OPA698
402
Ω
0.02V
PP + 2VDC
402
Ω
V
O
2V
DC
G = +2
V
O = 0.02VPP
V
H
V
L Open
V
L—LIMITER SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
3
0
–3
–6
–9
OPA698
402
Ω
0.02V
PP – 2VDC
402
Ω
V
O
V
L
V
H Open
–2V
DC
G = +2
V
O = 0.02VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com