Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 19Page - Texas Instruments OPA698 Datasheet HTML 20Page - Texas Instruments OPA698 Datasheet HTML 21Page - Texas Instruments OPA698 Datasheet HTML 22Page - Texas Instruments OPA698 Datasheet HTML 23Page - Texas Instruments OPA698 Datasheet HTML 24Page - Texas Instruments OPA698 Datasheet HTML 25Page - Texas Instruments OPA698 Datasheet HTML 26Page - Texas Instruments OPA698 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
OPA698
23
SBOS258B
www.ti.com
NOISE PERFORMANCE
High slew rate, unity-gain stable, voltage feedback op amps
usually achieve their slew rate at the expense of a higher
input noise voltage. The 5.6nV/
√Hz input voltage noise for
the OPA698, however, is much lower than comparable
amplifiers. The input-referred voltage noise, and the two
input-referred current noise terms, combine to give low
output noise under a wide variety of operating conditions.
Figure 24 shows the op amp noise analysis model with all the
noise terms included. In this model, all noise terms are taken
to be noise voltage or current density terms in either nV/
√Hz
or pA/
√Hz.
The total output spot noise voltage can be computed as the
square root of the sum of all squared output noise voltage
contributors. Equation 3 shows the general form for the
output noise voltage using the terms shown in Figure 25.
E
E
I
R
kTR
NG
I R
kTR NG
O
NI
BN SS
BI F
F
=+
(
) +
+
(
) +
2
2
2
2
44
Dividing this expression by the noise gain (NG = (1+RF/RG))
will give the equivalent input-referred spot noise voltage at
the noninverting input, as shown in Equation 4.
E
E
I
R
kTR
IR
NG
kTR
NG
NNI
BN SS
BI F
F
=+
(
) ++ 


+
2
2
2
4
4
Evaluating these two equations for the OPA698 circuit and
component values (see Figure 1) will give a total output spot
noise voltage of 11.9nV/
√Hz and a total equivalent input spot
noise voltage of 6nV/
√Hz. This total input-referred spot noise
voltage is only slightly higher than the 5.6nV/
√Hz specifica-
tion for the op amp voltage noise alone. This will be the case
as long as the impedances appearing at each op amp input
are limited to a maximum value of 300
Ω. Keeping both
(RF || RG) and the noninverting input source impedance less
than 300
Ω will satisfy both noise and frequency response
flatness considerations. Since the resistor-induced noise is
relatively negligible, additional capacitive decoupling across
the bias current cancellation resistor (RT) for the inverting op
amp configuration of Figure 3 is not required, but is still
desirable.
DC ACCURACY AND OFFSET CONTROL
The balanced input stage of a wideband voltage feedback op
amp allows good output DC accuracy in a large variety of
applications. The power-supply current trim for the OPA698
gives even tighter control than comparable products. Al-
though the high-speed input stage does require relatively
high input bias current (typically
±8µA at each input terminal),
the close matching between them may be used to reduce the
output DC error caused by this current. The total output offset
voltage may be considerably reduced by matching the DC
source resistances appearing at the two inputs. This reduces
the output DC error due to the input bias currents to the offset
current times the feedback resistor. Evaluating the configura-
tion of Figure 1, using worst-case +25
°C input offset voltage
and current specifications, gives a worst-case output offset
voltage equal to: –(NG = noninverting signal gain)
±(NG • V
OS(MAX)) ± (RF • IOS(MAX))
=
±(2 • 5mV) ± (402Ω • 1.4µA)
=
±10.6mV
FIGURE 23. 5MHz Harmonic Distortion vs Load Resistance.
4kT
R
G
R
G
R
F
R
S
OPA698
I
BI
E
O
I
BN
4kT = 1.6E –20J
at 290
°K
E
RS
E
NI
4kTR
S
√
4kTR
F
√
FIGURE 24. Op Amp Noise Analysis Model.
(3)
(4)
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
Load Resistance (
Ω)
50
100
1000
V
O = 2VPP
f
1 = 5MHz
HD2
HD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com