Electronic Components Datasheet Search
  English  ▼

X  

OPA698 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 5Page - Texas Instruments OPA698 Datasheet HTML 6Page - Texas Instruments OPA698 Datasheet HTML 7Page - Texas Instruments OPA698 Datasheet HTML 8Page - Texas Instruments OPA698 Datasheet HTML 9Page - Texas Instruments OPA698 Datasheet HTML 10Page - Texas Instruments OPA698 Datasheet HTML 11Page - Texas Instruments OPA698 Datasheet HTML 12Page - Texas Instruments OPA698 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
OPA698
9
SBOS258B
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
5MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1k
–55
–60
–65
–70
–75
–80
–85
–90
3rd-Harmonic
See Figure 1
2nd-Harmonic
V
O = 2VPP
f = 5MHz
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.5
1
10
20
–50
–60
–70
–80
–90
–100
–110
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
See Figure 1
5MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (V
PP)
0.5 1.0 1.5 2.0 2.5
3.5 4.0 4.5 5.0
3.0
5.5 6.0 6.5 7.0 7.5 8.0
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
3rd-Harmonic
2nd-Harmonic
R
L = 500Ω
V
H = –VL = VOPP /2 + 0.5V
f = 5MHz
See Figure 1
5MHz HARMONIC DISTORTION
vs SUPPLY VOLTAGE
± Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
See Figure 1
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
123
4
5
6
7
8
9
10
–60
–70
–80
–90
–100
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
f = 5MHz
HARMONIC DISTORTION vs INVERTING GAIN
Gain (V/V)
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–60
–65
–70
–75
–80
–85
–90
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
f = 5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com