Electronic Components Datasheet Search
  English  ▼

X  

GS1672 Datasheet(PDF) 49 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 49 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 45Page - Semtech Corporation GS1672 Datasheet HTML 46Page - Semtech Corporation GS1672 Datasheet HTML 47Page - Semtech Corporation GS1672 Datasheet HTML 48Page - Semtech Corporation GS1672 Datasheet HTML 49Page - Semtech Corporation GS1672 Datasheet HTML 50Page - Semtech Corporation GS1672 Datasheet HTML 51Page - Semtech Corporation GS1672 Datasheet HTML 52Page - Semtech Corporation GS1672 Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
49 of 116
Each group channel specifies the audio source using a 3-bit selector defined below in
Table 4-9:
Each Primary and Secondary group channel specifies the audio source using the
following host interface fields:
Audio channels can be paired only when both channels are derived from the same Word
Clock and are synchronous.
The same audio channel cannot be used in both Primary and Secondary groups at the
same time.
The GS1672 asserts the XPOINT_ERROR host interface bit if any audio channel is
programmed to be included in both the Primary and Secondary groups.
Table 4-9: GS1672 SD Audio Crosspoint Channel Selection
Audio Source
SD Selector
HD Selector
Input channel 1
000
000
Input channel 2
001
001
Input channel 3
010
010
Input channel 4
011
011
Input channel 5
100
100
Input channel 6
101
101
Input channel 7
110
110
Input channel 8
111
111
Table 4-10: Audio Source Host Interface Fields
Host Interface Field
Description
Default
GPA_CH1_SRC[2:0]
Primary Group Channel 1 Source Selector
000
GPA_CH2_SRC[2:0]
Primary Group Channel 2 Source Selector
001
GPA_CH3_SRC[2:0]
Primary Group Channel 3 Source Selector
010
GPA_CH4_SRC[2:0]
Primary Group Channel 4 Source Selector
011
GPB_CH1_SRC[2:0]
Secondary Group Channel 1 Source Selector
100
GPB_CH2_SRC[2:0]
Secondary Group Channel 2 Source Selector
101
GPB_CH3_SRC[2:0]
Secondary Group Channel 3 Source Selector
110
GPB_CH4_SRC[2:0]
Secondary Group Channel 4 Source Selector
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com