Electronic Components Datasheet Search
  English  ▼

X  

GS1672 Datasheet(PDF) 32 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 28Page - Semtech Corporation GS1672 Datasheet HTML 29Page - Semtech Corporation GS1672 Datasheet HTML 30Page - Semtech Corporation GS1672 Datasheet HTML 31Page - Semtech Corporation GS1672 Datasheet HTML 32Page - Semtech Corporation GS1672 Datasheet HTML 33Page - Semtech Corporation GS1672 Datasheet HTML 34Page - Semtech Corporation GS1672 Datasheet HTML 35Page - Semtech Corporation GS1672 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
32 of 116
NOTE:
I/O processing must be enabled for the device to remap 8-bit TRS words to the
corresponding 10-bit value for transmission.
The GS1672 determines the video standard by timing the horizontal and vertical
reference information supplied at the H/HSYNC, V/VSYNC, and F/DE input pins, or
contained in the TRS ID words of the received video data. Therefore, full
synchronization to the received video standard requires at least one complete video
frame.
Once synchronization has been achieved, the GS1672 will continue to monitor the
received TRS timing or the supplied H, V, and F timing information to maintain
synchronization. The GS1672 will lose all timing information immediately following loss
of H, V and F.
The H signal timing should also be configured via the H_CONFIG bit of the internal
IOPROC register as either active line based blanking or TRS based blanking.
Active line based blanking is enabled when the H_CONFIG bit is set LOW. In this mode,
the H input should be HIGH for the entire horizontal blanking period, including the EAV
and SAV TRS words. This is the default H timing used by the device.
The timing of these signals is shown in Figure 4-2, Figure 4-3, Figure 4-4 and Figure 4-5.
Figure 4-2: H:V:F Input Timing - HD 20-bit Input Mode
Figure 4-3: H:V:F Input Timing - HD 10-bit Input Mode
Figure 4-4: H:V:F Input Timing - SD 20-bit Mode
P C LK
L U M A D A T A IN P U T
C HR OM A DA T A IN P U T
H
X Y Z (EAV)
000
00 0
3F F
000
00 0
3F F
V
F
000
00 0
3FF
000
00 0
3FF
X Y Z (EAV)
X Y Z (SAV)
X Y Z (SAV)
H S I G NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H I G H
HV F T IM IN G
AT S AV
000
00 0
3FF
3F F
00 0
000
P C LK
M U L T IP L E XED Y'Cb C r D A T A IN P U T
H
V
F
HV F T IM IN G
AT EAV
P C LK
00 0
000
3FF
3F F
X Y Z (EAV)
000
00 0
M U L T IP L E XED Y'Cb C r D A T A IN P U T
H
V
F
X Y Z (EAV)
XY Z (SAV) X Y Z (SAV)
P C LK
C H R O M A D A T A IN PU T
LU M A D A T A I N P U T
H
000
3F F
X Y Z (EAV)
000
V
F
000
3FF
00 0
H S I G NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H I G H
X Y Z (SAV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com