Electronic Components Datasheet Search
  English  ▼

X  

GS1672 Datasheet(PDF) 97 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 97 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 93Page - Semtech Corporation GS1672 Datasheet HTML 94Page - Semtech Corporation GS1672 Datasheet HTML 95Page - Semtech Corporation GS1672 Datasheet HTML 96Page - Semtech Corporation GS1672 Datasheet HTML 97Page - Semtech Corporation GS1672 Datasheet HTML 98Page - Semtech Corporation GS1672 Datasheet HTML 99Page - Semtech Corporation GS1672 Datasheet HTML 100Page - Semtech Corporation GS1672 Datasheet HTML 101Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
97 of 116
410h
XPOINT_ERROR
RSVD
15-3
Reserved.R
0
MUX_ERRB
2
Set in Cascade mode when the
incoming video contains packets
with the same group number as
the Secondary Group.
R0
MUX_ERRA
1
Set in Cascade mode when the
incoming video contains packets
with the same group number as
the Primary Group.
R0
XPOINT_ERROR
0
Set when the crosspoint switch is
configured to put the same audio
channel in both Primary and
Secondary Groups.
R0
411h-
41Fh
RSVD
RSVD
−
Reserved.R
0
420h
CHANNEL_
STATUS_REG_1
RSVD
15-8
Reserved.R
0
ACSR_BYTE_1
7-0
Audio channel status block byte 1.
R/W
133
421h
CHANNEL_
STATUS_REG_2
RSVD
15-8
Reserved.R
0
ACSR_BYTE_2
7-0
Audio channel status block byte 2.
R/W
8
422h
CHANNEL_
STATUS_REG_3
ACSR_BYTE_4
15-8
Audio channel status block byte 4.
R/W
0
ACSR_BYTE_3
7-0
Audio channel status block byte 3.
R/W
44
423h
CHANNEL_
STATUS_REG_4
ACSR_BYTE_6
15-8
Audio channel status block byte 6.R/W
0
ACSR_BYTE_5
7-0
Audio channel status block byte 5.
R/W
0
424h
CHANNEL_
STATUS_REG_5
ACSR_BYTE_8
15-8
Audio channel status block byte 8.
R/W
0
ACSR_BYTE_7
7-0
Audio channel status block byte 7.
R/W
0
425h
CHANNEL_
STATUS_REG_6
ACSR_BYTE_10
15-8
Audio channel status block byte
10.
R/W
0
ACSR_BYTE_9
7-0
Audio channel status block byte 9.
R/W
0
426h
CHANNEL_
STATUS_REG_7
ACSR_BYTE_12
15-8
Audio channel status block byte
12.
R/W
0
ACSR_BYTE_11
7-0
Audio channel status block byte
11.
R/W
0
427h
CHANNEL_
STATUS_REG_8
ACSR_BYTE_14
15-8
Audio channel status block byte
14.
R/W
0
ACSR_BYTE_13
7-0
Audio channel status block byte
13.
R/W
0
428h
CHANNEL_
STATUS_REG_9
ACSR_BYTE_16
15-8
Audio channel status block byte
16.
R/W
0
ACSR_BYTE_15
7-0
Audio channel status block byte
15.
R/W
0
Table 4-35: SD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com