Electronic Components Datasheet Search
  English  ▼

X  

GS1672 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 9Page - Semtech Corporation GS1672 Datasheet HTML 10Page - Semtech Corporation GS1672 Datasheet HTML 11Page - Semtech Corporation GS1672 Datasheet HTML 12Page - Semtech Corporation GS1672 Datasheet HTML 13Page - Semtech Corporation GS1672 Datasheet HTML 14Page - Semtech Corporation GS1672 Datasheet HTML 15Page - Semtech Corporation GS1672 Datasheet HTML 16Page - Semtech Corporation GS1672 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
13 of 116
E7
TDI
Input
COMMUNICATION SIGNAL INPUT.
Signal levels are LVCMOS/LVTTL compatible.
Dedicated JTAG pin.
Test data in.
This pin is used to shift JTAG test data into the device when the
JTAG/HOST pin is LOW.
E8
TMS
Input
COMMUNICATION SIGNAL INPUT.
Signal levels are LVCMOS/LVTTL compatible.
Dedicated JTAG pin.
Test mode start.
This pin is JTAG Test Mode Start, used to control the operation of
the JTAG test when the JTAG/HOST pin is LOW.
E10
CD_VDD
Input Power
Power for the serial digital cable driver. Connect to 3.3V DC analog.
F1, F2, H1,
H2, J1, J2,
J3, K1, K2,
K3
DIN[9:0]
Input
PARALLEL DATA BUS.
Signal levels are LVCMOS / LVTTL compatible.
In 10-bit mode, these pins are not used.
20-bit mode
20BIT/10BIT = HIGH
Chroma data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in data through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
Not Used in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
10-bit mode
20BIT/10BIT = LOW
High impedance.
F3
DETECT_TRS
Input
CONTROL SIGNAL INPUT.
Signal levels are LVCMOS / LVTTL compatible.
Used to select external HVF timing mode or TRS extraction timing
mode.
When DETECT_TRS is LOW, the device extracts all internal timing
from the supplied H:V:F or CEA-861 timing signals, dependent on
the status of the TIM861 pin.
When DETECT_TRS is HIGH, the device extracts all internal timing
from TRS signals embedded in the supplied video stream.
F8
TDO
Output
COMMUNICATION SIGNAL OUTPUT.
Signal levels are LVCMOS/LVTTL compatible.
Dedicated JTAG pin.
JTAG Test Data Output.
This pin is used to shift results from the device when the JTAG/HOST
pin is LOW.
F10
RSET
Input
An external 1% resistor connected to this input is used to set the
SDO/SDO output signal amplitude.
G1, H10
IO_VDD
Input Power
Power connection for digital I/O. Connect to 3.3V or 1.8V DC digital.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com