Electronic Components Datasheet Search
  English  ▼

X  

GS1672 Datasheet(PDF) 28 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 28 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 24Page - Semtech Corporation GS1672 Datasheet HTML 25Page - Semtech Corporation GS1672 Datasheet HTML 26Page - Semtech Corporation GS1672 Datasheet HTML 27Page - Semtech Corporation GS1672 Datasheet HTML 28Page - Semtech Corporation GS1672 Datasheet HTML 29Page - Semtech Corporation GS1672 Datasheet HTML 30Page - Semtech Corporation GS1672 Datasheet HTML 31Page - Semtech Corporation GS1672 Datasheet HTML 32Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
28 of 116
4.2 Parallel Data Inputs
Data signal inputs enter the device on the rising edge of PCLK, as shown in Figure 4-1.
Figure 4-1: GS1672 Video Host Interface Timing Diagrams
data_1
transition zone
data_1
data_0
transition zone
PCLK
PCLK period
DIN[19:0], F_DE,
H_HSYNC, V_VSYNC
data_0
TH
SDR interface
Luma/Chroma* is launched on the positive edge of PCLK
by the source chip to the GS1672
TSU
TH
TSU
TH
Table 4-1: GS1672 Digital Input AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input data set-up time
tSU
50% levels;
1.8V operation
1.2
−−
ns
Input data hold time
tIH
0.8
−−
ns
Input data set-up time
tSU
50% levels;
3.3V operation
1.3
−−
ns
Input data hold time
tIH
0.8
−−
ns
Table 4-2: GS1672 Input Video Data Format Selections
Input Data Format
Pin/Register Bit Settings
DIN[9:0]
DIN[19:10]
20BIT
/10BIT
RATE
_SEL
SMPTE
_BYPASS
DVB_ASI
20-bit demultiplexed HD
format
HIGHLOW
HIGHLOW
Chroma
Luma
20-bit data Input
HD format
HIGH
LOW
LOW
LOW
DATA
DATA
20-bit demultiplexed SD
format
HIGHHIGHHIGHLOW
Chroma
Luma
20-bit data input
SD format
HIGHHIGH
LOW
LOW
DATA
DATA
10-bit multiplexed
HD format
LOW
LOW
HIGHLOW
High ImpedanceLuma/Chroma
10-bit data input
HD format
LOW
LOW
LOW
LOW
High ImpedanceDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com