Electronic Components Datasheet Search
  English  ▼

X  

GS1672 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS1672
Description  HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1672 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS1672 Datasheet HTML 51Page - Semtech Corporation GS1672 Datasheet HTML 52Page - Semtech Corporation GS1672 Datasheet HTML 53Page - Semtech Corporation GS1672 Datasheet HTML 54Page - Semtech Corporation GS1672 Datasheet HTML 55Page - Semtech Corporation GS1672 Datasheet HTML 56Page - Semtech Corporation GS1672 Datasheet HTML 57Page - Semtech Corporation GS1672 Datasheet HTML 58Page - Semtech Corporation GS1672 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
GS1672 HD/SD-SDI Serializer with Complete SMPTE
Audio & Video Support
Data Sheet
53623 - 6
July 2011
55 of 116
4.7.17 Frame Sequence Detection - HD
The GS1672 detects the frame sequence that describes the sample distribution for
synchronous audio.
The frame sequence is only used in the generation of audio control packets; where the
Audio Frame Number (AFN) field describes the position of the current frame within the
frame sequence.
The GS1672 sets the AFN of the Primary group control packets to zero when the ASXA
host interface bit is set for asynchronous audio. The GS1672 sets the AFN of the Primary
group control packets to zero, unless the AFNA_AUTO host interface bit is set to produce
automatic AFN generation.
The GS1672 sets the AFN of the Secondary group control packets to zero, when the
ASXB host interface bit is set for asynchronous audio. The GS1672 sets the AFN of the
Secondary group control packets to zero, unless the AFNB_AUTO host interface bit is set
to produce automatic AFN generation.
The GS1672 sets the AFN to one when every frame has the same number of samples:
Frame Rate 23.976Hz - Each frame has exactly 2002 samples
Frame Rate 24.000Hz - Each frame has exactly 2000 samples
Frame Rate 25.000Hz - Each frame has exactly 1920 samples
Frame Rate 30.000Hz - Each frame has exactly 1600 samples
Frame Rate 50.000Hz - Each frame has exactly 960 samples
Frame Rate 60.000Hz - Each frame has exactly 800 samples
When the frame rate is 29.97Hz, an even number of samples (8008) are distributed over
five frames in the following sequence:
1602 1601 1602 1601 1602
Table 4-19: GS1672 SD Audio Group 3 Audio Sample Distribution - 625 line
[3]6
[0],[3](2)
([4],[3]11)25
[4],[3](9)
[0],[3](2)
([4],[3]11)24
[4],[3](14)
Samples
18
6
925
31
6
888
46
Lines
6
3
300
10
3
288
15
Table 4-20: GS1672 SD Audio Group 4 Audio Sample Distribution - 625 line
[3]6
[0],[3](3)
([4],[3]11)25
[4],[3](8)
[0],[3](3)
([4],[3]11)24
[4],[3](13)
Samples
18
9
925
28
9
888
43
Lines
6
4
300
9
4
288
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com