Electronic Components Datasheet Search
  English  ▼

X  

SDA9488X Datasheet(PDF) 38 Page - Micronas

Part # SDA9488X
Description  Cost-effective Picture-In-Picture ICs
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9488X Datasheet(HTML) 38 Page - Micronas

Back Button SDA9488X Datasheet HTML 34Page - Micronas SDA9488X Datasheet HTML 35Page - Micronas SDA9488X Datasheet HTML 36Page - Micronas SDA9488X Datasheet HTML 37Page - Micronas SDA9488X Datasheet HTML 38Page - Micronas SDA9488X Datasheet HTML 39Page - Micronas SDA9488X Datasheet HTML 40Page - Micronas SDA9488X Datasheet HTML 41Page - Micronas SDA9488X Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
SDA 9488X
SDA 9588X
I2C Bus
Micronas
6-38
Preliminary Data Sheet
6.3
I2C bus Command Table
Subadd
(Hex)
Data Byte
D7
D6
D5
D4
D3
D2
D1
D0
00h
PIPON
CPOS1
CPOS0
YUVSEL
READD
PROGEN
FIESEL1
FIESEL0
01h
POSHOR7 POSHOR6 POSHOR5 POSHOR4 POSHOR3 POSHOR2 POSHOR1 POSHOR0
02h
POSVER7 POSVER6 POSVER5 POSVER4 POSVER3 POSVER2 POSVER1 POSVER0
03h
VFP3
VFP2
VFP1
VFP0
HFP3
HFP2
HFP1
HFP0
04h
DISPSTD1 DISPSTD0
FREEZE
MOSAIC
SIZEHOR1 SIZEHOR0 SIZEVER1 SIZEVER0
05h
FPSTD1
FPSTD0
PIPBG1
PIPBG0
FMACTP
HZOOM2
HZOOM1
HZOOM0
06h
HSPINV
VSPINV
VSPNSRQ VSPDEL4
VSPDEL3
VSPDEL2
VSPDEL1
VSPDEL0
07h
FRSEL
INFRM
VPSRED
FRWIDH2
FRWIDH1
FRWIDH0
FRWIDV1
FRWIDV0
08h
RGBINS1
RGBINS0
VERBLK
SELDOWN SELDEL3
SELDEL2
SELDEL1
SELDEL0
09h
POSCOR DISPMOD1 DISPMOD0 CLPDEL4
CLPDEL3
CLPDEL2
CLPDEL1
CLPDEL0
0Ah
AGCRES
AGCMD1
AGCMD0
AGCVAL3 AGCVAL2 AGCVAL1 AGCVAL0
NOSIGB
0Bh
CVBSEL1
CVBSEL0
CLMPID1
CLMPID0 CLMPIST1 CLMPIST0 LMOFST1 LMOFST0
0Ch
PLLITC1
PLLITC0
NSRED1
NSRED0
YCDEL3
YCDEL2
YCDEL1
YCDEL0
0Dh
CSTAND2 CSTAND1 CSTAND0 CSTDEX1 CSTDEX0
LOCKSP
CKILL1
CKILL0
0Eh
BGPOS
SCMIDL0
DEEMP1
DEEMP0
COLON
ACCFIX
CHRBW1
CHRBW0
0Fh
IFCOMP1
IFCOMP0
HUE5
HUE4
HUE3
HUE2
HUE1
HUE0
10h
SATNR
FMACTI
CPLLOF
SCADJ4
SCADJ3
SCADJ2
SCADJ1
SCADJ0
11h
CONADJ3 CONADJ2 CONADJ1 CONADJ0
BLKLR3
BLKLR2
BLKLR1
BLKLR0
12h
BRTADJ3
BRTADJ2
BRTADJ1
BRTADJ0
BLKLG3
BLKLG2
BLKLG1
BLKLG0
13h
TRIOUT
REFINT
BLKINVR
BLKINVB
BLKLB3
BLKLB2
BLKLB1
BLKLB0
14h
PKLR7
PKLR6
PKLR5
PKLR4
PKLR3
PKLR2
PKLR1
PKLR0
15h
PKLG7
PKLG6
PKLG5
PKLG4
PKLG3
PKLG2
PKLG1
PKLG0
16h
PKLB7
PKLB6
PKLB5
PKLB4
PKLB3
PKLB2
PKLB1
PKLB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com