Electronic Components Datasheet Search
  English  ▼

X  

SDA9488X Datasheet(PDF) 72 Page - Micronas

Part # SDA9488X
Description  Cost-effective Picture-In-Picture ICs
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9488X Datasheet(HTML) 72 Page - Micronas

Back Button SDA9488X Datasheet HTML 68Page - Micronas SDA9488X Datasheet HTML 69Page - Micronas SDA9488X Datasheet HTML 70Page - Micronas SDA9488X Datasheet HTML 71Page - Micronas SDA9488X Datasheet HTML 72Page - Micronas SDA9488X Datasheet HTML 73Page - Micronas SDA9488X Datasheet HTML 74Page - Micronas SDA9488X Datasheet HTML 75Page - Micronas SDA9488X Datasheet HTML 76Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
SDA 9488X
SDA 9588X
Recommended Operating Range
Micronas
9-72
Preliminary Data Sheet
9
Recommended Operating Range
Parameter
Symbol
Limit Values
Unit
Remark
min.
typ.
max.
Supply Voltages
VDDxx
3.15
3.3
3.45
V
Ambient Temperature
TA
0
25
70
°C
Main horizontal / vertical Sync Inputs: VSP, HSP
HSP Signal Frequency
fPH
15.000
15.625
16.250
kHz
1fH mode
HSP Signal Frequency
fP2H
30.000
31.250
32.500
kHz
2fH mode
HSP Signal Frequency
fP2H
11.7
25.2
48
kHz
VGA mode
HSP Signal Rise Time
tr
100
ns
noisefree
transition
HSP Signal High Time
tHH
200
ns
HSP Signal Low Time
tLH
900
ns
VSP Signal Frequency
fPV
50/60
Hz
VSP Signal Frequency
fPV
100/120
Hz
scan rate
conversion
VSP Signal High Time
tHV
200
ns
VSP Signal Low Time
tLV
200
ns
Inset Input: CVBS1, CVBS2, CVBS3
Horizontal Frequency
fH
15.734
kHz
60 Hz input
Horizontal Frequency
fH
15.625
kHz
50 Hz input
Amplitude of
synchronization pulse
Vsync
300
mV
length of horizontal
synchronization puls
tDH
4.7
←s
length of vertical
synchronization puls
tDV
22
←s
chroma amplitude
ACHR
300
mV
burst
Input Coupling
Capacitors
CCLI
2.2
10
100
nF
necessary
for proper
clamping
CVBS Source
Resistance
RSRCI
100
500
τ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com