Electronic Components Datasheet Search
  English  ▼

X  

SDA9488X Datasheet(PDF) 21 Page - Micronas

Part # SDA9488X
Description  Cost-effective Picture-In-Picture ICs
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9488X Datasheet(HTML) 21 Page - Micronas

Back Button SDA9488X Datasheet HTML 17Page - Micronas SDA9488X Datasheet HTML 18Page - Micronas SDA9488X Datasheet HTML 19Page - Micronas SDA9488X Datasheet HTML 20Page - Micronas SDA9488X Datasheet HTML 21Page - Micronas SDA9488X Datasheet HTML 22Page - Micronas SDA9488X Datasheet HTML 23Page - Micronas SDA9488X Datasheet HTML 24Page - Micronas SDA9488X Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
SDA 9488X
SDA 9588X
System Description
Micronas
4-21
Preliminary Data Sheet
Table 4-10
Required number of lines for frame mode display
The system may be forced to field mode by means of FIESEL. Either first or second field
is selectable. ’One of both’ takes every second field independent of the field number.
This is meant for sources generating only one field (e.g. video-games).
For progressive scan conversion systems and HDTV / (S)VGA displays a line doubling
mode is available (PROGEN). Every line of the inset picture is read twice.
Memory writing is stopped by FREEZE bit. The field stored in the memory is then
continuously read. As the picture decimation is done before storing, the picture size of a
frozen picture can not be changed.
Depending on the phase between inset and parent signals a correction of the display
raster for the read out data is performed. Synchronization of memory reading with the
parent channel is achieved by processing the parent horizontal and vertical
synchronization signals. Horizontal and vertical pulses may be provided. The signals are
fed to the IC at pin HSP for horizontal synchronization and pin VSP for vertical
synchronization. HSPINV or VSPINV respectively allow an inversion of the expected
signal polarity.
Figure 4-7
Field detection and phase adjustment of vertical pulse (VSP)
FMACTP
parent
standard
number of
lines per field
FMACTI
inset
standard
number of
lines per field
0
50 Hz
310...315
0
50 Hz
310...315
1
50 Hz
290...325
1
50 Hz
290...325
0
60 Hz
260...265
0
60 Hz
260...265
1
60 Hz
250...275
1
60 Hz
250...275
VSPDEL
VSPDEL
max=151 (75) ←s
values in brackets () apply for 100Hz systems
field 0 window
field 1 window
tH = 64 (32)
←s
tH/2 = 32 (16)
←s
HSP
VSP
VSPD
(internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com