Electronic Components Datasheet Search
  English  ▼

X  

SDA9488X Datasheet(PDF) 13 Page - Micronas

Part # SDA9488X
Description  Cost-effective Picture-In-Picture ICs
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9488X Datasheet(HTML) 13 Page - Micronas

Back Button SDA9488X Datasheet HTML 9Page - Micronas SDA9488X Datasheet HTML 10Page - Micronas SDA9488X Datasheet HTML 11Page - Micronas SDA9488X Datasheet HTML 12Page - Micronas SDA9488X Datasheet HTML 13Page - Micronas SDA9488X Datasheet HTML 14Page - Micronas SDA9488X Datasheet HTML 15Page - Micronas SDA9488X Datasheet HTML 16Page - Micronas SDA9488X Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
SDA 9488X
SDA 9588X
System Description
Micronas
4-13
Preliminary Data Sheet
4.2
Inset Synchronization
Horizontal and vertical sync pulses are separated after elimination of the high frequency
components of the CVBS signal by a low pass filter. Horizontal sync pulses are
generated by a digital phase-locked-loop (DPLL). Its time constant is adjustable between
fast and slow behavior in four steps (PLLITC) to consider different input sources (e.g.
VCR). Noisy input signals become more stable when a noise-reduction is enabled
(NSRED). Additionally weak input signals from a satellite dish (’fishes’) become more
stable when SATNR is enabled. Both should be enabled to have best available
performance. When NOSIGB is enabled, a colored background is shown instead of the
picture when PIP is out of synchronization. The detected line standard is indicated by
SYNCSTAT.
4.3
Chroma Decoding And Standard Search
The system is able to decode NTSC and PAL signals with a subcarrier of 3.58MHz and
4.43MHz (PAL B/M/N/60, NTSC M/4.4) as well as SECAM signals with 4.05/4.2MHz
subcarrier. The system may be forced to a certain standard, or an automatic standard
detection can be used (CSTAND). For automatic standard detection, some standards
which are not likely to be received can be ignored to improve the detection process.
Depending on the detected line standard (525 or 625 lines) the color standard detection
circuit searches for 60 Hz signals (NTSC-M / PAL-M / PAL 60 / NTSC44) or 50 Hz signals
(PAL-B / SECAM / PAL-N) respectively. Within each line standard, the standard is
detected by consequently switching from one to another. This standard detection
process can be set to medium or fast behavior (LOCKSP). In medium behavior 30 fields
(in fast 20) are used to detect the standard. If not being successful within this time period
the system tries to detect another one. For SECAM detection, a choice between two
recognition levels is possible (SCMIDL) and the evaluated burstposition is selectable
(BGPOS).
.
Table 4-3
Considered color standards for automatic standard detection
For getting the chrominance information the digitized video signal is multiplied with the
regenerated color subcarrier once in-phase and once phase-shifted by 90°. After
lowpass filtering digital UV is available for PAL and NTSC. The subcarrier is regenerated
CSTANDEX
NTSC-
M
PAL60
PAL-N
PAL-M
PAL-B
SECAM
NTSC
44
D1
D0
00
0
. 1
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com