Electronic Components Datasheet Search
  English  ▼

X  

SDA9488X Datasheet(PDF) 2 Page - Micronas

Part # SDA9488X
Description  Cost-effective Picture-In-Picture ICs
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9488X Datasheet(HTML) 2 Page - Micronas

  SDA9488X Datasheet HTML 1Page - Micronas SDA9488X Datasheet HTML 2Page - Micronas SDA9488X Datasheet HTML 3Page - Micronas SDA9488X Datasheet HTML 4Page - Micronas SDA9488X Datasheet HTML 5Page - Micronas SDA9488X Datasheet HTML 6Page - Micronas SDA9488X Datasheet HTML 7Page - Micronas SDA9488X Datasheet HTML 8Page - Micronas SDA9488X Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
P-DSO28-1
Cost effective Picture-In-Picture (PIP) ICs
Version 1.3
CMOS
Type
Package
SDA 9488X
P-DSO28-1
SDA 9588X
P-DSO28-1
Micronas
-2
SDA 9488X
SDA 9588X
Preliminary Data Sheet
General Description
SDA 9488X ’PIP IV Basic’ and SDA 9588X
’OCTOPUS’ belong to a new generation of cost-
effective PiP processors that combine high-quality
digital PIP signal processing, digital multistandard
color decoding and AD/DA conversion on a single chip.
Both devices are equipped with CVBS and Y/C input
interfaces. In addition the SDA 9588X is also able to
process YUV input signals for displaying high-quality
video signals e.g. coming from a DVD source.
Figure 0-1
Picture-In-Picture
The integrated digital color decoder is able to decode all analog TV standards (PAL,
NTSC and SECAM) and detects the standard automatically. Therefore the IC is suited
for world-wide use.
A picture reduction from 1/9 to 1/81 of original size selectable in fine steps is possible.
The transfer functions of the decimation filters are optimally matched to the selected
picture size reduction and can furthermore be adjusted to the viewer’s requirements by
a selectable peaking. A maximum of 216 luminance and 2x54 chrominance pixels per
line are stored in the memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com