Electronic Components Datasheet Search
  English  ▼

X  

SDA9488X Datasheet(PDF) 41 Page - Micronas

Part # SDA9488X
Description  Cost-effective Picture-In-Picture ICs
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9488X Datasheet(HTML) 41 Page - Micronas

Back Button SDA9488X Datasheet HTML 37Page - Micronas SDA9488X Datasheet HTML 38Page - Micronas SDA9488X Datasheet HTML 39Page - Micronas SDA9488X Datasheet HTML 40Page - Micronas SDA9488X Datasheet HTML 41Page - Micronas SDA9488X Datasheet HTML 42Page - Micronas SDA9488X Datasheet HTML 43Page - Micronas SDA9488X Datasheet HTML 44Page - Micronas SDA9488X Datasheet HTML 45Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
SDA 9488X
SDA 9588X
I2C Bus
Micronas
6-41
Preliminary Data Sheet
Subaddress 01h
Subaddress 02h
PROGEN
Progressive Scan Enable
D2
for compatibility with progressive scan systems
0
each line of PIP is read once (normal operation)
1
each line of PIP is read twice (line doubling operation)
FIESEL
Field Select
D1
D0
set field or frame display mode
0
0
frame mode (if possible)
0
1
field mode (first field only)
1
0
field mode (second field only)
1
1
field mode (one of both)
POSHOR
Horizontal Picture Position
D7-D0
horizontal position adjustment of the PIP in steps of 4 pixel
shift direction depends on the coarse positioning of the picture
POSVER
Vertical Picture Position
D7-D0
vertical position adjustment of the PIP in steps of 1 lines
shift direction depends on the coarse positioning of the picture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com