Electronic Components Datasheet Search
  English  ▼

X  

SDA9488X Datasheet(PDF) 39 Page - Micronas

Part # SDA9488X
Description  Cost-effective Picture-In-Picture ICs
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9488X Datasheet(HTML) 39 Page - Micronas

Back Button SDA9488X Datasheet HTML 35Page - Micronas SDA9488X Datasheet HTML 36Page - Micronas SDA9488X Datasheet HTML 37Page - Micronas SDA9488X Datasheet HTML 38Page - Micronas SDA9488X Datasheet HTML 39Page - Micronas SDA9488X Datasheet HTML 40Page - Micronas SDA9488X Datasheet HTML 41Page - Micronas SDA9488X Datasheet HTML 42Page - Micronas SDA9488X Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
SDA 9488X
SDA 9588X
I2C Bus
Micronas
6-39
Preliminary Data Sheet
After power on the grey marked data bits are set to '1', all other to ‘0‘.
17h
MAT1
MAT0
BGY1
BGY0
FRY3
FRY2
FRY1
FRY0
18h
OUTFOR
UVPOLAR
BGU1
BGU0
FRU3
FRU2
FRU1
FRU0
19h
(reserved)
BGFRC
BGV1
BGV0
FRV3
FRV2
FRV1
FRV0
1Ah
SATADJ3† SATADJ2
SATADJ1 SATADJ0†
YPEAK2
YPEAK1
YPEAK0
YCOR
1Bh
XDSCLS4
XDSCLS3
XDSCLS2
XDSCLS1
XDSCLS0
XDSTPE2
XDSTPE1
XDSTPE0
1Ch
UVSEQ
MPIPBG
SERVICE
SELLNR1
SELLNR0
IRQCON2
IRQCON1
IRQCON0
1Dh
(reserved)
(reserved)
(reserved)
(reserved)
(reserved)
PIPBLK
PALIDL1
PALIDL0
1Eh
POSOFV2 POSOFV1 POSOFV0 POSOFH4 POSOFH3 POSOFH2 POSOFH1 POSOFH0
1Fh
(reserved)
(reserved)
(reserved) VSHRNK4 VSHRNK3 VSHRNK2 VSHRNK1 VSHRNK0
20h
(reserved)
(reserved)
(reserved) HSHRNK4 HSHRNK3 HSHRNK2 HSHRNK1 HSHRNK0
21h
(reserved)
(reserved)
(reserved)
(reserved)
(reserved)
(reserved)
CLPLEN1
CLPLEN0
28h
FRMMD
PIPSTAT
SYNCST1 SYNCST0
CKSTAT
STDET2
STDET1
STDET0
2Ah
DATAA7
DATAA6
DATAA5
DATAA4
DATAA3
DATAA2
DATAA1
DATAA0
2Bh
DATAB7
DATAB6
DATAB5
DATAB4
DATAB3
DATAB2
DATAB1
DATAB0
2Ch
DEVICE1
DEVICE0
PRNSTD
PALID
DATAV
SLFIELD
Subadd
(Hex)
Data Byte
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com