Electronic Components Datasheet Search
  English  ▼

X  

GT3200 Datasheet(PDF) 13 Page - SMSC Corporation

Part # GT3200
Description  USB2.0 PJY IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

GT3200 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button GT3200 Datasheet HTML 9Page - SMSC Corporation GT3200 Datasheet HTML 10Page - SMSC Corporation GT3200 Datasheet HTML 11Page - SMSC Corporation GT3200 Datasheet HTML 12Page - SMSC Corporation GT3200 Datasheet HTML 13Page - SMSC Corporation GT3200 Datasheet HTML 14Page - SMSC Corporation GT3200 Datasheet HTML 15Page - SMSC Corporation GT3200 Datasheet HTML 16Page - SMSC Corporation GT3200 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
USB2.0 PHY IC
SMSC GT3200, SMSC USB3250
8
Revision 1.3 (10-05-04)
DATASHEET
Chapter 5 Limiting Values
Note: In accordance with the Absolute Maximum Rating System (IEC 60134
Table 5.1 Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1.8V Supply Voltage
(VDD1.8 and VDDA1.8)
VDD1.8
-0.5
TBD
V
3.3V Supply Voltage
(VDD3.3 and VDDA3.3)
VDD3.3
-0.5
4.6
V
Input Voltage
VI
-0.5
4.6
V
Storage Temperature
TSTG
-40
+125
oC
[1] Equivalent to discharging a 100pF capacitor via a 1.5k
Ω resistor (HBM).
Table 5.2 Recommended Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1.8V Supply Voltage
(VDD1.8 and VDDA1.8)
VDD1.8
1.6
1.8
2.0
V
3.3V Supply Voltage
(VDD3.3 and VDDA3.3)
VDD3.3
3.0
3.3
3.6
V
Input Voltage on Digital Pins
VI
0.0
VDD3.3
V
Input Voltage on Analog I/O
Pins (DP, DM)
VI(I/O)
0.0
VDD3.3
V
Ambient Temperature
TA
-40
+85
oC
Table 5.3 Recommended External Clock Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
System Clock Frequency
XO driven by the
external clock; and no
connection at XI
12
(+/- 100ppm)
MHz
System Clock Duty Cycle
XO driven by the
external clock; and no
connection at XI
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com