Electronic Components Datasheet Search
  English  ▼

X  

GT3200 Datasheet(PDF) 23 Page - SMSC Corporation

Part # GT3200
Description  USB2.0 PJY IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

GT3200 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button GT3200 Datasheet HTML 19Page - SMSC Corporation GT3200 Datasheet HTML 20Page - SMSC Corporation GT3200 Datasheet HTML 21Page - SMSC Corporation GT3200 Datasheet HTML 22Page - SMSC Corporation GT3200 Datasheet HTML 23Page - SMSC Corporation GT3200 Datasheet HTML 24Page - SMSC Corporation GT3200 Datasheet HTML 25Page - SMSC Corporation GT3200 Datasheet HTML 26Page - SMSC Corporation GT3200 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
USB2.0 PHY IC
SMSC GT3200, SMSC USB3250
18
Revision 1.3 (10-05-04)
DATASHEET
Chapter 7 Functional Overview
Figure 2.1 Block Diagram on page 2 shows the functional block diagram of the GT3200, SMSC
USB3250. Each of the functions is described in detail below.
7.1
Modes of Operation
The GT3200, SMSC USB3250 support two modes of operation. See Figure 7.1 for a block diagram
of the digital interface.
8-bit unidirectional mode. Selected when DATABUS16_8 = 0. CLKOUT runs at 60MHz. The 8-
bit transmit data bus uses the lower 8 bits of the DATA bus (ie, TXDATA[7:0] = DATA[7:0]). The
8-bit receive data bus uses the upper 8 bits of the DATA bus (ie, RXDATA[7:0] = DATA[15:8]).
16-bit bidirectional mode. Selected when DATABUS16_8 = 1. CLKOUT runs at 30MHz. An
additional signal (VALIDH) is used to identify whether the high byte of the respective 16-bit data
word is valid. The full 16-bit DATA bus is used for transmit and receive operations. If TXVALID
is asserted, then the DATA[15:0] bus accepts transmit data from the SIE. If TXVALID is deasserted,
then the DATA[15:0] bus presents received data to the SIE. VALIDH is undefined when
DATABUS16_8 = 0 (8-bit mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com