Electronic Components Datasheet Search
  English  ▼

X  

GT3200 Datasheet(PDF) 30 Page - SMSC Corporation

Part # GT3200
Description  USB2.0 PJY IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

GT3200 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button GT3200 Datasheet HTML 26Page - SMSC Corporation GT3200 Datasheet HTML 27Page - SMSC Corporation GT3200 Datasheet HTML 28Page - SMSC Corporation GT3200 Datasheet HTML 29Page - SMSC Corporation GT3200 Datasheet HTML 30Page - SMSC Corporation GT3200 Datasheet HTML 31Page - SMSC Corporation GT3200 Datasheet HTML 32Page - SMSC Corporation GT3200 Datasheet HTML 33Page - SMSC Corporation GT3200 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
USB2.0 PHY IC
Revision 1.3 (10-05-04)
25
SMSC GT3200, SMSC USB3250
DATASHEET
Note 7.2
Figure 7.10, Figure 7.11 and Figure 7.12 are timing examples of a HS/FS Macrocell when
it is in HS mode. When a HS/FS Macrocell is in FS Mode (8-bit mode) there are
approximately 40 CLK60 cycles every byte time. The Receive State Machine assumes that
the SIE captures the data on the RXDATA bus if RXACTIVE and RXVALID are asserted.
In FS mode, RXVALID will only be asserted for one CLK60 per byte time.
Note 7.3
Figure 7.10, Figure 7.11 and Figure 7.12 the SYNC pattern on DP/DM is shown as one
byte long. The SYNC pattern received by a device can vary in length. These figures
assume that all but the last 12 bits have been consumed by the hubs between the device
and the host controller.
Figure 7.10 Receive Timing for Data (with CRC-16 in 8-bit mode)
Figure 7.11 Receive Timing for Setup Packet (8-bit mode)
CLK60
RXACTIVE
RXDATA[7:0]
RXVALID
RXERROR
DP/DM
SYNC
PID
EOP
PID
CLK60
RXACTIVE
RXDATA[7:0]
RXVALID
RXERROR
DP/DM
CRC-5 Computation
SYNC
PID
DATA
DATA
EOP
PID
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com