Electronic Components Datasheet Search
  English  ▼

X  

GT3200 Datasheet(PDF) 33 Page - SMSC Corporation

Part # GT3200
Description  USB2.0 PJY IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

GT3200 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button GT3200 Datasheet HTML 29Page - SMSC Corporation GT3200 Datasheet HTML 30Page - SMSC Corporation GT3200 Datasheet HTML 31Page - SMSC Corporation GT3200 Datasheet HTML 32Page - SMSC Corporation GT3200 Datasheet HTML 33Page - SMSC Corporation GT3200 Datasheet HTML 34Page - SMSC Corporation GT3200 Datasheet HTML 35Page - SMSC Corporation GT3200 Datasheet HTML 36Page - SMSC Corporation GT3200 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
USB2.0 PHY IC
SMSC GT3200, SMSC USB3250
28
Revision 1.3 (10-05-04)
DATASHEET
8.2
OPMODES
The OPMODE[1:0] pins allow control of the operating modes.
The OPMODE[1:0] signals are normally changed only when the transmitter and the receiver are
quiescent, i.e. when entering a test mode or for a device initiated resume.
When using OPMODE[1:0] = 10 (state 2), OPMODES are set, and then 5 60MHz clocks later,
TXVALID is asserted. In this case, the SYNC and EOP patterns are not transmitted.
The only exception to this is when OPMODE[1:0] is set to state 2 while TXVALID has been asserted
(the transceiver is transmitting a packet), in order to flag a transmission error. In this case, the PHY
has already transmitted the SYNC pattern so upon negation of TXVALID the EOP must also be
transmitted to properly terminate the packet. Changing the OPMODE[1:0] signals under all other
conditions, while the transceiver is transmitting or receiving data will generate undefined results.
Under no circumstances should the device controller change OPMODE while the DP/DM lines are still
transmitting or unpredictable changes on DP/DM are likely to occur. The same applies for
TERMSELECT and XCVRSELECT.
8.3
Test Mode Support
8.4
SE0 Handling
For FS operation, IDLE is a J state on the bus. SE0 is used as part of the EOP or to indicate reset.
When asserted in an EOP, SE0 is never asserted for more than 2 bit times. The assertion of SE0 for
more than 2.5us is interpreted as a reset by the device operating in FS mode.
Table 8.2 Operational Modes
MODE[1:0]
STATE#
STATE NAME
DESCRIPTION
00
0
Normal Operation
Transceiver operates with normal USB data encoding
and decoding
01
1
Non-Driving
Allows the transceiver logic to support a soft disconnect
feature which tri-states both the HS and FS transmitters,
and removes any termination from the USB making it
appear to an upstream port that the device has been
disconnected from the bus
10
2
Disable Bit
Stuffing and NRZI
encoding
Disables bitstuffing and NRZI encoding logic so that 1's
loaded from the TXDATA bus become 'J's on the DP/DM
and 0's become 'K's
11
3
Reserved
N/A
Table 8.3 USB2.0 Test Mode to Macrocell Mapping
USB2.0 TEST MODES
GT3200, SMSC USB3250 SETUP
OPERATIONAL MODE
SIE TRANSMITTED
DATA
XCVRSELECT &
TERMSELECT
SE0_NAK
Normal
No transmit
HS
J
Disable
All '1's
HS
K
Disable
All '0's
HS
Test_Packet
Normal
Test Packet data
HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com