Electronic Components Datasheet Search
  English  ▼

X  

GT3200 Datasheet(PDF) 25 Page - SMSC Corporation

Part # GT3200
Description  USB2.0 PJY IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

GT3200 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button GT3200 Datasheet HTML 21Page - SMSC Corporation GT3200 Datasheet HTML 22Page - SMSC Corporation GT3200 Datasheet HTML 23Page - SMSC Corporation GT3200 Datasheet HTML 24Page - SMSC Corporation GT3200 Datasheet HTML 25Page - SMSC Corporation GT3200 Datasheet HTML 26Page - SMSC Corporation GT3200 Datasheet HTML 27Page - SMSC Corporation GT3200 Datasheet HTML 28Page - SMSC Corporation GT3200 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
USB2.0 PHY IC
SMSC GT3200, SMSC USB3250
20
Revision 1.3 (10-05-04)
DATASHEET
bit then the byte boundary can be stretched to 45 CLK60 cycles, and two stuffed bits would result in
a 50 CLK60 cycles.
Figure 7.2 shows the relationship between CLK60 and the transmit data transfer signals in FS mode.
TXREADY is only asserted for one CLK60 per byte time to signal the SIE that the data on the TXDATA
lines has been read by the Macrocell. The SIE may hold the data on the TXDATA lines for the duration
of the byte time. Transitions of TXVALID must meet the defined setup and hold times relative to
CLK60.
Figure 7.3 shows the relationship between CLK60 and the receive data control signals in FS mode.
RXACTIVE "frames" a packet, transitioning only at the beginning and end of a packet. However
transitions of RXVALID may take place any time 8 bits of data are available. Figure 7.3 also shows
how RXVALID is only asserted for one CLKOUT cycle per byte time even though the data may be
presented for the full byte time. The XCVRSELECT signal determines whether the HS or FS timing
relationship is applied to the data and control signals.
7.3
Clock and Data Recovery Circuit
This block consists of the Clock and Data Recovery Circuit and the Elasticity Buffer. The Elasticity
Buffer is used to compensate for differences between the transmitting and receiving clock domains.
The USB2.0 specification defines a maximum clock error of ±1000ppm of drift.
Figure 7.2 FS CLK Relationship to Transmit Data and Control Signals (8-bit mode)
Figure 7.3 FS CLK Relationship to Receive Data and Control Signals (8-bit mode)
CLKOUT
TXDATA[7:0]
TXVALID
TXREADY
Don't
Care
DATA3
PID
DATA4
DATA1
DATA2
DATA(n+1)
DATA(n+2)
CLK60
RXACTIVE
RXDATA[7:0]
RXVALID
DATA(n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com