Electronic Components Datasheet Search
  English  ▼

X  

GT3200 Datasheet(PDF) 22 Page - SMSC Corporation

Part # GT3200
Description  USB2.0 PJY IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

GT3200 Datasheet(HTML) 22 Page - SMSC Corporation

Back Button GT3200 Datasheet HTML 18Page - SMSC Corporation GT3200 Datasheet HTML 19Page - SMSC Corporation GT3200 Datasheet HTML 20Page - SMSC Corporation GT3200 Datasheet HTML 21Page - SMSC Corporation GT3200 Datasheet HTML 22Page - SMSC Corporation GT3200 Datasheet HTML 23Page - SMSC Corporation GT3200 Datasheet HTML 24Page - SMSC Corporation GT3200 Datasheet HTML 25Page - SMSC Corporation GT3200 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
USB2.0 PHY IC
Revision 1.3 (10-05-04)
17
SMSC GT3200, SMSC USB3250
DATASHEET
Figure 6.5 Eye Pattern for Receive Waveform and Eye Pattern Definition
Table 6.7 Eye Pattern for Receive Waveform and Eye Pattern Definition
VOLTAGE LEVEL (D+, D-)
TIME
(% OF UNIT INTERVAL)
Level 1
575mV
N/A
Level 2
-575mV
N/A
Point 1
0V
15% UI
Point 2
0V
85% UI
Point 3
150mV
35% UI
Point 4
150mV
65% UI
Point 5
-150mV
35% UI
Point 6
-150mV
65% UI
Point 1
0%
100%
Point 2
Level 2
Level 1
Point 3
Point 4
Point 5
Point 6
Differential
-400mV
Differential
400mV
Differential
0 Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com