Electronic Components Datasheet Search
  English  ▼

X  

GT3200 Datasheet(PDF) 34 Page - SMSC Corporation

Part # GT3200
Description  USB2.0 PJY IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

GT3200 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button GT3200 Datasheet HTML 30Page - SMSC Corporation GT3200 Datasheet HTML 31Page - SMSC Corporation GT3200 Datasheet HTML 32Page - SMSC Corporation GT3200 Datasheet HTML 33Page - SMSC Corporation GT3200 Datasheet HTML 34Page - SMSC Corporation GT3200 Datasheet HTML 35Page - SMSC Corporation GT3200 Datasheet HTML 36Page - SMSC Corporation GT3200 Datasheet HTML 37Page - SMSC Corporation GT3200 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
USB2.0 PHY IC
Revision 1.3 (10-05-04)
29
SMSC GT3200, SMSC USB3250
DATASHEET
For HS operation, IDLE is a SE0 state on the bus. SE0 is also used to reset a HS device. A HS
device cannot use the 2.5us assertion of SE0 (as defined for FS operation) to indicate reset since the
bus is often in this state between packets. If no bus activity (IDLE) is detected for more than 3ms, a
HS device must determine whether the downstream facing port is signaling a suspend or a reset. The
following section details how this determination is made. If a reset is signaled, the HS device will then
initiate the HS Detection Handshake protocol.
8.5
Reset Detection
If a device in HS mode detects bus inactivity for more than 3ms (T1), it reverts to FS mode. This
enables the FS pull-up on the DP line in an attempt to assert a continuous FS J state on the bus. The
SIE must then check LINESTATE for the SE0 condition. If SE0 is asserted at time T2, then the
upstream port is forcing the reset state to the device (i.e., a Driven SE0). The device will then initiate
the HS detection handshake protocol.
8.6
Suspend Detection
If a HS device detects SE0 asserted on the bus for more than 3ms (T1), it reverts to FS mode. This
enables the FS pull-up on the DP line in an attempt to assert a continuous FS J state on the bus. The
Figure 8.1 Reset Timing Behavior (HS Mode)
Table 8.4 Reset Timing Values (HS Mode)
TIMING
PARAMETER
DESCRIPTION
VALUE
HS Reset T0
Bus activity ceases, signaling either a reset or a
SUSPEND.
0 (reference)
T1
Earliest time at which the device may place itself in
FS mode after bus activity stops.
HS Reset T0 + 3. 0ms < T1 < HS
Reset T0 + 3.125ms
T2
SIE samples LINESTATE. If LINESTATE = SE0, then
the SE0 on the bus is due to a Reset state. The
device now enters the HS Detection Handshake
protocol.
T1 + 100µs < T2 < T1 + 875µs
Driven SE0
HS Detection
Handshake
XCVRSELECT
DP/DM
TERMSELECT
time
Last
Activity
T2
T0
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com